Electronic Components Datasheet Search
  English  ▼

X  

PSD8XXFX Datasheet(PDF) 85 Page - STMicroelectronics

Part # PSD8XXFX
Description  Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD8XXFX Datasheet(HTML) 85 Page - STMicroelectronics

Back Button PSD8XXFX Datasheet HTML 81Page - STMicroelectronics PSD8XXFX Datasheet HTML 82Page - STMicroelectronics PSD8XXFX Datasheet HTML 83Page - STMicroelectronics PSD8XXFX Datasheet HTML 84Page - STMicroelectronics PSD8XXFX Datasheet HTML 85Page - STMicroelectronics PSD8XXFX Datasheet HTML 86Page - STMicroelectronics PSD8XXFX Datasheet HTML 87Page - STMicroelectronics PSD8XXFX Datasheet HTML 88Page - STMicroelectronics PSD8XXFX Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 128 page
background image
PSD8XXFX
Reset timing and device status at reset
Doc ID 7833 Rev 7
85/128
18
Reset timing and device status at reset
18.1
Power-up reset
Upon Power-up, the PSD requires a Reset (RESET) pulse of duration tNLNH-PO after VCC is
steady. During this period, the device loads internal configurations, clears some of the
registers and sets the Flash memory into operating mode. After the rising edge of Reset
(RESET), the PSD remains in the Reset mode for an additional period, tOPR, before the first
memory access is allowed.
The Flash memory is reset to the READ mode upon Power-up. Sector Select (FS0-FS7 and
CSBOOT0-CSBOOT3) must all be low, Write Strobe (WR, CNTL0) high, during Power On
Reset for maximum security of the data contents and to remove the possibility of a byte
being written on the first edge of Write Strobe (WR, CNTL0). Any Flash memory WRITE
cycle initiation is prevented automatically when VCC is below VLKO.
18.2
Warm reset
Once the device is up and running, the device can be reset with a pulse of a much shorter
duration, tNLNH.
The same tOPR period is needed before the device is operational after warm reset.
Figure 33 shows the timing of the Power-up and warm reset.
18.3
I/O pin, register and PLD status at Reset
Table 34 shows the I/O pin, register and PLD status during Power On Reset, warm reset and
Power-down mode. PLD outputs are always valid during warm reset, and they are valid in
Power On Reset once the internal PSD Configuration bits are loaded. This loading of PSD is
completed typically long before the VCC ramps up to operating level. Once the PLD is active,
the state of the outputs are determined by the PSDabel equations.
18.4
Reset of Flash memory erase and program cycles (on the
PSD834Fx)
A Reset (RESET) also resets the internal Flash memory state machine. During a Flash
memory program or erase cycle, Reset (RESET) terminates the cycle and returns the Flash
memory to the Read mode within a period of tNLNH-A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com