Electronic Components Datasheet Search
  English  ▼

X  

PSD8XXFX Datasheet(PDF) 30 Page - STMicroelectronics

Part # PSD8XXFX
Description  Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD8XXFX Datasheet(HTML) 30 Page - STMicroelectronics

Back Button PSD8XXFX Datasheet HTML 26Page - STMicroelectronics PSD8XXFX Datasheet HTML 27Page - STMicroelectronics PSD8XXFX Datasheet HTML 28Page - STMicroelectronics PSD8XXFX Datasheet HTML 29Page - STMicroelectronics PSD8XXFX Datasheet HTML 30Page - STMicroelectronics PSD8XXFX Datasheet HTML 31Page - STMicroelectronics PSD8XXFX Datasheet HTML 32Page - STMicroelectronics PSD8XXFX Datasheet HTML 33Page - STMicroelectronics PSD8XXFX Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 128 page
background image
Instructions
PSD8XXFX
30/128
Doc ID 7833 Rev 7
7
Instructions
An instruction consists of a sequence of specific operations. Each received byte is
sequentially decoded by the PSD and not executed as a standard WRITE operation. The
instruction is executed when the correct number of bytes are properly received and the time
between two consecutive bytes is shorter than the timeout period. Some instructions are
structured to include READ operations after the initial WRITE operations.
The instruction must be followed exactly. Any invalid combination of instruction bytes or
timeout between two consecutive bytes while addressing Flash memory resets the device
logic into READ mode (Flash memory is read like a ROM device).
The PSD supports the instructions summarized in Table 10:
Flash memory:
●
Erase memory by chip or sector
●
Suspend or resume sector erase
●
Program a Byte
●
Reset to READ mode
●
Read primary Flash Identifier value
●
Read Sector Protection Status
●
Bypass (on the PSD833F2, PSD834F2, PSD853F2 and PSD854F2)
These instructions are detailed in Table 10. For efficient decoding of the instructions, the first
two bytes of an instruction are the coded cycles and are followed by an instruction byte or
confirmation byte. The coded cycles consist of writing the data AAh to address X555h
during the first cycle and data 55h to address XAAAh during the second cycle. Address
signals A15-A12 are Don’t Care during the instruction WRITE cycles. However, the
appropriate Sector Select (FS0-FS7 or CSBOOT0-CSBOOT3) must be selected.
The primary and secondary Flash memories have the same instruction set (except for Read
Primary Flash Identifier). The Sector Select signals determine which Flash memory is to
receive and execute the instruction. The primary Flash memory is selected if any one of
Sector Select (FS0-FS7) is high, and the secondary Flash memory is selected if any one of
Sector Select (CSBOOT0-CSBOOT3) is high.
7.1
Power-up mode
The PSD internal logic is reset upon Power-up to the READ mode. Sector Select (FS0-FS7
and CSBOOT0-CSBOOT3) must be held low, and Write Strobe (WR, CNTL0) high, during
Power-up for maximum security of the data contents and to remove the possibility of a byte
being written on the first edge of Write Strobe (WR, CNTL0). Any WRITE cycle initiation is
locked when VCC is below VLKO.
7.2
READ
Under typical conditions, the MCU may read the primary Flash memory or the secondary
Flash memory using READ operations just as it would a ROM or RAM device. Alternately,
the MCU may use READ operations to obtain status information about a program or erase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com