Electronic Components Datasheet Search
  English  ▼

X  

PSD8XXFX Datasheet(PDF) 31 Page - STMicroelectronics

Part # PSD8XXFX
Description  Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD8XXFX Datasheet(HTML) 31 Page - STMicroelectronics

Back Button PSD8XXFX Datasheet HTML 27Page - STMicroelectronics PSD8XXFX Datasheet HTML 28Page - STMicroelectronics PSD8XXFX Datasheet HTML 29Page - STMicroelectronics PSD8XXFX Datasheet HTML 30Page - STMicroelectronics PSD8XXFX Datasheet HTML 31Page - STMicroelectronics PSD8XXFX Datasheet HTML 32Page - STMicroelectronics PSD8XXFX Datasheet HTML 33Page - STMicroelectronics PSD8XXFX Datasheet HTML 34Page - STMicroelectronics PSD8XXFX Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 128 page
background image
PSD8XXFX
Instructions
Doc ID 7833 Rev 7
31/128
cycle that is currently in progress. Lastly, the MCU may use instructions to read special data
from these memory blocks. The following sections describe these READ functions.
7.3
Read memory contents
Primary Flash memory and secondary Flash memory are placed in the READ mode after
Power-up, chip reset, or a Reset Flash instruction (see Table 10). The MCU can read the
memory contents of the primary Flash memory or the secondary Flash memory by using
READ operations any time the READ operation is not part of an instruction.
7.4
Read Primary Flash Identifier
The primary Flash memory identifier is read with an instruction composed of 4 operations: 3
specific WRITE operations and a READ operation (see Table 10). During the READ
operation, address bits A6, A1, and A0 must be '0,0,1,' respectively, and the appropriate
Sector Select (FS0-FS7) must be high. The identifier for the PSD813F2/3/4/5 is E4h, and for
the PSD83xF2 or PSD85xF2 it is E7h.
7.5
Read Memory Sector Protection status
The primary Flash memory Sector Protection Status is read with an instruction composed of
4 operations: 3 specific WRITE operations and a READ operation (see Table 10). During the
READ operation, address Bits A6, A1, and A0 must be '0,1,0,' respectively, while Sector
Select (FS0-FS7 or CSBOOT0-CSBOOT3) designates the Flash memory sector whose
protection has to be verified. The READ operation produces 01h if the Flash memory sector
is protected, or 00h if the sector is not protected.
The sector protection status for all NVM blocks (primary Flash memory or secondary Flash
memory) can also be read by the MCU accessing the Flash Protection registers in PSD I/O
space. See Section 10.1: Flash Memory Sector Protect for register definitions.
7.6
Reading the Erase/Program Status bits
The PSD provides several status bits to be used by the MCU to confirm the completion of an
Erase or Program cycle of Flash memory. These status bits minimize the time that the MCU
spends performing these tasks and are defined in Table 11. The status bits can be read as
many times as needed.
For Flash memory, the MCU can perform a READ operation to obtain these status bits while
an Erase or Program instruction is being executed by the embedded algorithm. See
Section 8: Programming Flash memory for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com