Electronic Components Datasheet Search
  English  ▼

X  

PSD8XXFX Datasheet(PDF) 74 Page - STMicroelectronics

Part # PSD8XXFX
Description  Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD8XXFX Datasheet(HTML) 74 Page - STMicroelectronics

Back Button PSD8XXFX Datasheet HTML 70Page - STMicroelectronics PSD8XXFX Datasheet HTML 71Page - STMicroelectronics PSD8XXFX Datasheet HTML 72Page - STMicroelectronics PSD8XXFX Datasheet HTML 73Page - STMicroelectronics PSD8XXFX Datasheet HTML 74Page - STMicroelectronics PSD8XXFX Datasheet HTML 75Page - STMicroelectronics PSD8XXFX Datasheet HTML 76Page - STMicroelectronics PSD8XXFX Datasheet HTML 77Page - STMicroelectronics PSD8XXFX Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 128 page
background image
I/O ports
PSD8XXFX
74/128
Doc ID 7833 Rev 7
16.14
Port Data registers
The port Data registers, shown in Table 28, are used by the MCU to write data to or read
data from the ports. Table 28 shows the register name, the ports having each register type,
and MCU access for each register type. The registers are described below.
16.15
Data In
Port pins are connected directly to the Data In buffer. In MCU I/O input mode, the pin input is
read through the Data In buffer.
16.16
Data Out register
Stores output data written by the MCU in the MCU I/O output mode. The contents of the
register are driven out to the pins if the Direction register or the output enable product term
is set to ’1.’ The contents of the register can also be read back by the MCU.
Output macrocells (OMC)
The CPLD Output macrocells (OMC) occupy a location in the MCU’s address space. The
MCU can read the output of the Output macrocells (OMC). If the OMC Mask register bits are
not set, writing to the macrocell loads data to the macrocell flip-flops (see Section 14:
PLDS).
16.17
OMC Mask register
Each OMC Mask register bit corresponds to an Output macrocell (OMC) flip-flop. When the
OMC Mask register bit is set to a 1, loading data into the Output macrocell (OMC) flip-flop is
blocked. The default value is 0 or unblocked.
16.18
Input macro (IMC)
The input macrocells (IMC) can be used to latch or store external inputs. The outputs of the
input macrocells (IMC) are routed to the PLD input bus, and can be read by the MCU (see
Section 14: PLDS).
Table 28.
Port Data registers
Register name
Port
MCU access
Data In
A,B,C,D
READ – input on pin
Data Out
A,B,C,D
WRITE/READ
Output macrocell
A,B,C
READ – outputs of macrocells
WRITE – loading macrocells flip-flop
Mask macrocell
A,B,C
WRITE/READ – prevents loading into a given
macrocell
Input macrocell
A,B,C
READ – outputs of the input macrocells
Enable Out
A,B,C
READ – the output enable control of the port driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com