Electronic Components Datasheet Search
  English  ▼

X  

PSD8XXFX Datasheet(PDF) 24 Page - STMicroelectronics

Part # PSD8XXFX
Description  Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD8XXFX Datasheet(HTML) 24 Page - STMicroelectronics

Back Button PSD8XXFX Datasheet HTML 20Page - STMicroelectronics PSD8XXFX Datasheet HTML 21Page - STMicroelectronics PSD8XXFX Datasheet HTML 22Page - STMicroelectronics PSD8XXFX Datasheet HTML 23Page - STMicroelectronics PSD8XXFX Datasheet HTML 24Page - STMicroelectronics PSD8XXFX Datasheet HTML 25Page - STMicroelectronics PSD8XXFX Datasheet HTML 26Page - STMicroelectronics PSD8XXFX Datasheet HTML 27Page - STMicroelectronics PSD8XXFX Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 128 page
background image
PSD register description and address offset
PSD8XXFX
24/128
Doc ID 7833 Rev 7
5
PSD register description and address offset
Table 7 shows the offset addresses to the PSD registers relative to the CSIOP base
address. The CSIOP space is the 256 bytes of address that is allocated by the user to the
internal PSD registers. Table 8 provides brief descriptions of the registers in CSIOP space.
The following section gives a more detailed description.
Table 7.
I/O port latched address output assignments(1)(2)
1.
See Section 16: I/O ports, on how to enable the Latched Address Output function.
2.
N/A = Not Applicable
MCU
Port A
Port B
Port A (3:0)
Port A (7:4)
Port B (3:0)
Port B (7:4)
8051XA (8-bit)
N/A
Address a7-a4
Address a11-a8
N/A
80C251 (page mode)
N/A
N/A
Address a11-a8
Address a15-
a12
All other 8-bit multiplexed
Address a3-a0
Address a7-a4
Address a3-a0
Address a7-a4
8-bit non-multiplexed bus
N/A
N/A
Address a3-a0
Address a7-a4
Table 8.
Register address offset
Register
name
Port A Port B Port C Port D
Other
(1)
Description
Data In
00
01
10
11
Reads port pin as input, MCU I/O input
mode
Control
02
03
Selects mode between MCU I/O or
Address Out
Data Out
04
05
12
13
Stores data for output to port pins, MCU
I/O output mode
Direction
06
07
14
15
Configures port pin as input or output
Drive Select
08
09
16
17
Configures port pins as either CMOS or
Open Drain on some pins, while selecting
high slew rate on other pins.
Input
macrocell
0A
0B
18
Reads input macrocells
Enable Out
0C
0D
1A
1B
Reads the status of the output enable to
the I/O port driver
Output
macrocells
AB
20
20
READ – reads output of macrocells AB
WRITE – loads macrocell flip-flops
Output
macrocells
BC
21
21
READ – reads output of macrocells BC
WRITE – loads macrocell flip-flops



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com