Electronic Components Datasheet Search
  English  ▼

X  

L2500 Datasheet(PDF) 67 Page - Intel Corporation

Part # L2500
Description  Intel Core Duo Processor and Intel Core Solo Processor on 65 nm Process
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

L2500 Datasheet(HTML) 67 Page - Intel Corporation

Back Button L2500 Datasheet HTML 63Page - Intel Corporation L2500 Datasheet HTML 64Page - Intel Corporation L2500 Datasheet HTML 65Page - Intel Corporation L2500 Datasheet HTML 66Page - Intel Corporation L2500 Datasheet HTML 67Page - Intel Corporation L2500 Datasheet HTML 68Page - Intel Corporation L2500 Datasheet HTML 69Page - Intel Corporation L2500 Datasheet HTML 70Page - Intel Corporation L2500 Datasheet HTML 71Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 91 page
background image
Datasheet
67
Package Mechanical Specifications and Pin Information
VSS
M2
Power/Other
VSS
N1
Power/Other
VSS
T1
Power/Other
VSS
R2
Power/Other
VSS
V2
Power/Other
VSS
W1
Power/Other
VSS
A26
Power/Other
VSS
D26
Power/Other
VSS
C25
Power/Other
VSS
F25
Power/Other
VSS
B24
Power/Other
VSS
A23
Power/Other
VSS
D23
Power/Other
VSS
E24
Power/Other
VSS
B21
Power/Other
VSS
C22
Power/Other
VSS
F22
Power/Other
VSS
E21
Power/Other
VSS
B19
Power/Other
VSS
A19
Power/Other
VSS
D19
Power/Other
VSS
C19
Power/Other
VSS
F19
Power/Other
VSS
E19
Power/Other
VSS
B16
Power/Other
VSS
A16
Power/Other
VSS
D16
Power/Other
VSS
C16
Power/Other
VSS
F16
Power/Other
VSS
E16
Power/Other
Table 18.
Pin Listing by Pin Name
Pin Name
Pin
Number
Signal
Buffer Type
Direction
VSS
B13
Power/Other
VSS
A14
Power/Other
VSS
D13
Power/Other
VSS
C14
Power/Other
VSS
F13
Power/Other
VSS
E14
Power/Other
VSS
B11
Power/Other
VSS
A11
Power/Other
VSS
D11
Power/Other
VSS
C11
Power/Other
VSS
F11
Power/Other
VSS
E11
Power/Other
VSS
B8
Power/Other
VSS
A8
Power/Other
VSS
D8
Power/Other
VSS
C8
Power/Other
VSS
F8
Power/Other
VSS
E8
Power/Other
VSS
G26
Power/Other
VSS
K26
Power/Other
VSS
J25
Power/Other
VSS
M25
Power/Other
VSS
N26
Power/Other
VSS
T26
Power/Other
VSS
R25
Power/Other
VSS
V25
Power/Other
VSS
W26
Power/Other
VSS
H24
Power/Other
VSS
G23
Power/Other
VSS
K23
Power/Other
Table 18.
Pin Listing by Pin Name
Pin Name
Pin
Number
Signal
Buffer Type
Direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com