Electronic Components Datasheet Search
  English  ▼

X  

L2500 Datasheet(PDF) 63 Page - Intel Corporation

Part # L2500
Description  Intel Core Duo Processor and Intel Core Solo Processor on 65 nm Process
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

L2500 Datasheet(HTML) 63 Page - Intel Corporation

Back Button L2500 Datasheet HTML 59Page - Intel Corporation L2500 Datasheet HTML 60Page - Intel Corporation L2500 Datasheet HTML 61Page - Intel Corporation L2500 Datasheet HTML 62Page - Intel Corporation L2500 Datasheet HTML 63Page - Intel Corporation L2500 Datasheet HTML 64Page - Intel Corporation L2500 Datasheet HTML 65Page - Intel Corporation L2500 Datasheet HTML 66Page - Intel Corporation L2500 Datasheet HTML 67Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 91 page
background image
Datasheet
63
Package Mechanical Specifications and Pin Information
RSVD
C23
Reserved
RSVD
C24
Reserved
RSVD
AA1
Reserved
RSVD
AA4
Reserved
RSVD
AB2
Reserved
RSVD
AA3
Reserved
RSVD
M4
Reserved
RSVD
N5
Reserved
RSVD
T2
Reserved
RSVD
V3
Reserved
RSVD
B2
Reserved
RSVD
C3
Reserved
RSVD
T22
Reserved
RSVD
B25
Reserved
SLP#
D7
CMOS
Input
SMI#
A3
CMOS
Input
STPCLK#
D5
CMOS
Input
TCK
AC5
CMOS
Input
TDI
AA6
CMOS
Input
TDO
AB3
Open Drain
Output
TEST1
C26
Test
TEST2
D25
Test
THERMDA
A24
Power/Other
THERMDC
A25
Power/Other
THERMTRI
P#
C7
Open Drain
Output
TMS
AB5
CMOS
Input
TRDY#
G2
Common
Clock
Input
TRST#
AB6
CMOS
Input
VCC
AB20
Power/Other
Table 18.
Pin Listing by Pin Name
Pin Name
Pin
Number
Signal
Buffer Type
Direction
VCC
AA20
Power/Other
VCC
AF20
Power/Other
VCC
AE20
Power/Other
VCC
AB18
Power/Other
VCC
AB17
Power/Other
VCC
AA18
Power/Other
VCC
AA17
Power/Other
VCC
AD18
Power/Other
VCC
AD17
Power/Other
VCC
AC18
Power/Other
VCC
AC17
Power/Other
VCC
AF18
Power/Other
VCC
AF17
Power/Other
VCC
AE18
Power/Other
VCC
AE17
Power/Other
VCC
AB15
Power/Other
VCC
AA15
Power/Other
VCC
AD15
Power/Other
VCC
AC15
Power/Other
VCC
AF15
Power/Other
VCC
AE15
Power/Other
VCC
AB14
Power/Other
VCC
AA13
Power/Other
VCC
AD14
Power/Other
VCC
AC13
Power/Other
VCC
AF14
Power/Other
VCC
AE13
Power/Other
VCC
AB12
Power/Other
VCC
AA12
Power/Other
VCC
AD12
Power/Other
Table 18.
Pin Listing by Pin Name
Pin Name
Pin
Number
Signal
Buffer Type
Direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com