Electronic Components Datasheet Search
  English  ▼

X  

L2500 Datasheet(PDF) 28 Page - Intel Corporation

Part # L2500
Description  Intel Core Duo Processor and Intel Core Solo Processor on 65 nm Process
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

L2500 Datasheet(HTML) 28 Page - Intel Corporation

Back Button L2500 Datasheet HTML 24Page - Intel Corporation L2500 Datasheet HTML 25Page - Intel Corporation L2500 Datasheet HTML 26Page - Intel Corporation L2500 Datasheet HTML 27Page - Intel Corporation L2500 Datasheet HTML 28Page - Intel Corporation L2500 Datasheet HTML 29Page - Intel Corporation L2500 Datasheet HTML 30Page - Intel Corporation L2500 Datasheet HTML 31Page - Intel Corporation L2500 Datasheet HTML 32Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 91 page
background image
Electrical Specifications
28
Datasheet
3.10
Processor DC Specifications
The processor DC specifications in this section are defined at the processor
core (pads) unless noted otherwise. See Table 4 for the pin signal definitions and
signal pin assignments. Most of the signals on the FSB are in the AGTL+ signal group.
The DC specifications for these signals are listed in Table 12. DC specifications for the
CMOS group are listed in Table 13.
Table 6 through Table 14 list the DC specifications for the processor and are valid only
while meeting specifications for junction temperature, clock frequency, and input
voltages. The Highest Frequency Mode (HFM) and Lowest Frequency Mode (LFM) refer
to the highest and lowest core operating frequencies supported on the processor. Active
mode load line specifications apply in all states except in the Deep Sleep and Deeper
Sleep states. VCC,BOOT is the default voltage driven by the voltage regulator at power
up in order to set the VID values. Unless specified otherwise, all specifications for the
processor are at Tjunction = 100°C. Care should be taken to read all notes associated
with each parameter.
Table 6.
Voltage and Current Specifications for Intel Core Duo Processor SV (Standard
Voltage) (Sheet 1 of 2)
Symbol
Parameter
Min
Typ
Max
Unit
Notes
VCCHFM
VCC at Highest Frequency Mode (HFM)
1.1625
1.3
V
1, 2
VCCLFM
VCC at Lowest Frequency Mode (LFM)
0.7625
1.0
V
1, 2
VCC,BOOT
Default VCC Voltage for Initial Power Up
1.20
V
2, 8
VCCP
AGTL+ Termination Voltage
0.997
1.05
1.102
V
2
VCCA
PLL Supply Voltage
1.425
1.5
1.575
V
VCCDPRSLP
VCC at Deeper Sleep Voltage
0.55
0.85
V
1, 2, 12
VCCDC4
VCC at Intel Enhanced Deeper Sleep
Voltage
0.50
0.80
V
1, 2
ICCDES
ICC for Intel® Core™ Duo Processor SV
Recommended Design Target
36
A
5
ICC
ICC for Intel Core Duo Processor SV
Processor
Number
Core Frequency/Voltage
T2700
T2600
T2500
T2400
T2300
T2300E
N/A
2.33 GHz and HFM VCC
2.16 GHz and HFM VCC
2.00 GHz and HFM VCC
1.83 GHz and HFM VCC
1.66 GHz and HFM VCC
1.66 GHz and HFM VCC
1 GHz and LFM VCC
34
34
34
34
34
34
15.5
A3,12,13
IAH,
ISGNT
ICC Auto-Halt & Stop-Grant
LFM
HFM
12.5
23.3
A3,4
ISLP
ICC Sleep
LFM
HFM
12.4
23.2
A3,4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com