Electronic Components Datasheet Search
  English  ▼

X  

L2500 Datasheet(PDF) 76 Page - Intel Corporation

Part # L2500
Description  Intel Core Duo Processor and Intel Core Solo Processor on 65 nm Process
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

L2500 Datasheet(HTML) 76 Page - Intel Corporation

Back Button L2500 Datasheet HTML 72Page - Intel Corporation L2500 Datasheet HTML 73Page - Intel Corporation L2500 Datasheet HTML 74Page - Intel Corporation L2500 Datasheet HTML 75Page - Intel Corporation L2500 Datasheet HTML 76Page - Intel Corporation L2500 Datasheet HTML 77Page - Intel Corporation L2500 Datasheet HTML 78Page - Intel Corporation L2500 Datasheet HTML 79Page - Intel Corporation L2500 Datasheet HTML 80Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 91 page
background image
Package Mechanical Specifications and Pin Information
76
Datasheet
M23
D[23]#
Source
Synch
Input/
Output
M24
DSTBN[1]
#
Source
Synch
Input/
Output
M25
VSS
Power/Other
M26
DINV[1]#
Source
Synch
Input/
Output
N1
VSS
Power/Other
N2
A[8]#
Source
Synch
Input/
Output
N3
A[10]#
Source
Synch
Input/
Output
N4
VSS
Power/Other
N5
RSVD
Reserved
N6
VCCP
Power/Other
N21
VCCP
Power/Other
N22
D[16]#
Source
Synch
Input/
Output
N23
VSS
Power/Other
N24
D[31]#
Source
Synch
Input/
Output
N25
DSTBP[1]
#
Source
Synch
Input/
Output
N26
VSS
Power/Other
P1
A[15]#
Source
Synch
Input/
Output
P2
A[12]#
Source
Synch
Input/
Output
P3
VSS
Power/Other
P4
A[14]#
Source
Synch
Input/
Output
P5
A[11]#
Source
Synch
Input/
Output
P6
VSS
Power/Other
P21
VSS
Power/Other
Table 19.
Pin Listing by Pin Number
Pin
Number
Pin Name
Signal
Buffer Type
Direction
P22
D[25]#
Source
Synch
Input/
Output
P23
D[26]#
Source
Synch
Input/
Output
P24
VSS
Power/Other
P25
D[24]#
Source
Synch
Input/
Output
P26
D[18]#
Source
Synch
Input/
Output
R1
A[16]#
Source
Synch
Input/
Output
R2
VSS
Power/Other
R3
A[19]#
Source
Synch
Input/
Output
R4
A[24]#
Source
Synch
Input/
Output
R5
VSS
Power/Other
R6
VCCP
Power/Other
R21
VCCP
Power/Other
R22
VSS
Power/Other
R23
D[19]#
Source
Synch
Input/
Output
R24
D[28]#
Source
Synch
Input/
Output
R25
VSS
Power/Other
R26
COMP[0]
Power/Other
Input/
Output
T1
VSS
Power/Other
T2
RSVD
Reserved
T3
A[26]#
Source
Synch
Input/
Output
T4
VSS
Power/Other
T5
A[25]#
Source
Synch
Input/
Output
T6
VCCP
Power/Other
T21
VCCP
Power/Other
Table 19.
Pin Listing by Pin Number
Pin
Number
Pin Name
Signal
Buffer Type
Direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com