Electronic Components Datasheet Search
  English  ▼

X  

L2500 Datasheet(PDF) 27 Page - Intel Corporation

Part # L2500
Description  Intel Core Duo Processor and Intel Core Solo Processor on 65 nm Process
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

L2500 Datasheet(HTML) 27 Page - Intel Corporation

Back Button L2500 Datasheet HTML 23Page - Intel Corporation L2500 Datasheet HTML 24Page - Intel Corporation L2500 Datasheet HTML 25Page - Intel Corporation L2500 Datasheet HTML 26Page - Intel Corporation L2500 Datasheet HTML 27Page - Intel Corporation L2500 Datasheet HTML 28Page - Intel Corporation L2500 Datasheet HTML 29Page - Intel Corporation L2500 Datasheet HTML 30Page - Intel Corporation L2500 Datasheet HTML 31Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 91 page
background image
Datasheet
27
Electrical Specifications
3.8
CMOS Signals
CMOS input signals are shown in Table 4. Legacy output FERR#, IERR# and other non-
AGTL+ signals (THERMTRIP# and PROCHOT#) utilize Open Drain output buffers. These
signals do not have setup or hold time specifications in relation to BCLK[1:0]. However,
all of the CMOS signals are required to be asserted for at least three BCLKs in order for
the processor to recognize them. See Section 3.10 for the DC specifications for the
CMOS signal groups.
3.9
Maximum Ratings
Table 5 specifies absolute maximum and minimum ratings. Only within specified
operation limits, can functionality and long-term reliability be expected.
At condition outside functional operation condition limits, but within absolute maximum
and minimum ratings, neither functionality nor long term reliability can be expected. If
a device is returned to conditions within functional operation limits after having been
subjected to conditions outside these limits, but within the absolute maximum and
minimum ratings, the device may be functional, but with its lifetime degraded on
exposure to conditions exceeding the functional operation condition limits.
At conditions exceeding absolute maximum and minimum ratings, neither functionality
nor long term reliability can be expected. Moreover, if a device is subjected to these
conditions for any length of time then, when returned to conditions within the
functional operating condition limits, it will either not function or its reliability will be
severely degraded.
Although the processor contains protective circuitry to resist damage from electro static
discharge, precautions should always be taken to avoid high static voltages or electric
fields.
NOTES:
1.
This rating applies to any processor pin.
2.
Contact Intel for storage requirements in excess of one year.
Table 5.
Processor DC Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Unit
Notes
TSTORAGE
Processor Storage Temperature
-40
85
°C
2
VCC
Any Processor Supply Voltage with Respect to VSS
-0.3
1.6
V
1
VinAGTL+
AGTL+ Buffer DC Input Voltage with Respect to VSS
-0.3
1.6
V
1, 2
VinAsynch_CMOS CMOS Buffer DC iNput Voltage with Respect to VSS
-0.3
1.6
V
1, 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com