Electronic Components Datasheet Search
  English  ▼

X  

L2500 Datasheet(PDF) 7 Page - Intel Corporation

Part # L2500
Description  Intel Core Duo Processor and Intel Core Solo Processor on 65 nm Process
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

L2500 Datasheet(HTML) 7 Page - Intel Corporation

Back Button L2500 Datasheet HTML 3Page - Intel Corporation L2500 Datasheet HTML 4Page - Intel Corporation L2500 Datasheet HTML 5Page - Intel Corporation L2500 Datasheet HTML 6Page - Intel Corporation L2500 Datasheet HTML 7Page - Intel Corporation L2500 Datasheet HTML 8Page - Intel Corporation L2500 Datasheet HTML 9Page - Intel Corporation L2500 Datasheet HTML 10Page - Intel Corporation L2500 Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 91 page
background image
Datasheet
7
Introduction
1
Introduction
The Intel® CoreTM Duo processor and the Intel® CoreTM Solo processor are built on
Intel’s next generation 65 nanometer process technology with copper interconnect. The
Intel Core Solo processor refers to a single core processor and the Intel Core Duo
processor refers to a dual core processor. This document provides specifications for all
Intel Core Duo processor and Intel Core Solo processor in standard voltage (SV), low
voltage (LV) and ultra low voltage (ULV) products.
Note:
All instances of the “processor” in this document refer to the Intel Core Duo processor
and Intel Core Solo processor with 2-MB L2 cache, unless specified otherwise.
Intel processor numbers are not a measure of performance. Processor numbers
differentiate features within each processor family, not across different processor
families. See www.intel.com/products/processor_number for details.
The following list provides some of the key features on this processor:
• First dual core processor for mobile
• Supports Intel® Architecture with Dynamic Execution
• On-die, primary 32-KB instruction cache and 32-KB write-back data cache
• On-die, 2-MB second level cache with Advanced Transfer Cache Architecture
• Data Prefetch Logic
• Streaming SIMD Extensions 2 (SSE2) and Streaming SIMD Extensions 3 (SSE3)
•The Intel Core Duo processor and Intel Core Solo processor standard voltage and
low voltage processors are offered at 667-MHz FSB
• The Intel Core Duo processor and Intel Core Solo processor ultra low voltage are
offered at 533-MHz FSB
• Advanced power management features including Enhanced Intel SpeedStep®
Technology
• Digital thermal sensor (DTS)
•The Intel Core Duo processor and Intel Core Solo processor standard voltage are
offered in both the Micro-FCPGA and the Micro-FCBGA packages
•Intel Core Duo processor low voltage is offered only in the Micro-FCBGA package
•The Intel Core Duo processor and Intel Core Solo processor ultra low voltage are
offered only in Micro-FCBGA package
• Execute Disable Bit support for enhanced security
• Intel® Virtualization Technology
• Intel® Enhanced Deeper Sleep and Dynamic Cache Sizing
The processor maintains support for MMX™ technology, Streaming SIMD instructions,
and full compatibility with IA-32 software. The processor features on-die, 32-KB, Level
1 instruction and data caches and a 2-MB level 2 cache with Advanced Transfer Cache
Architecture. The processor’s Data Prefetch Logic speculatively fetches data to the L2
cache before the L1 cache requests occurs, resulting in reduced bus cycle penalties.
The processor includes the Data Cache Unit Streamer which enhances the performance
of the L2 prefetcher by requesting L1 warm-ups earlier. In addition, the Writer Order
Buffer depth is enhanced to help with the write-back latency performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com