Electronic Components Datasheet Search
  English  ▼

X  

S5000PAL Datasheet(PDF) 112 Page - Intel Corporation

Part # S5000PAL
Description  Technical Product Specification
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S5000PAL Datasheet(HTML) 112 Page - Intel Corporation

Back Button S5000PAL Datasheet HTML 104Page - Intel Corporation S5000PAL Datasheet HTML 105Page - Intel Corporation S5000PAL Datasheet HTML 106Page - Intel Corporation S5000PAL Datasheet HTML 107Page - Intel Corporation S5000PAL Datasheet HTML 108Page - Intel Corporation S5000PAL Datasheet HTML 109Page - Intel Corporation S5000PAL Datasheet HTML 110Page - Intel Corporation S5000PAL Datasheet HTML 111Page - Intel Corporation S5000PAL Datasheet HTML 112Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 112 / 112 page
background image
Intel
® Server Board S5000PAL / S5000XAL TPS
Reference Documents
Revision 1.7
Intel order number: D31979-010
113
Reference Documents
See the following documents for additional information:
Intel
® S5000 Series Chipsets Server Board Family Datasheet
Intel
® S5000 Server Board Family BIOS Core External Product Specification (Yellow Cover)
Intel
® S5000 Server Board Family BMC Core External Product Specification (Yellow Cover)
Intel
® 5000P Memory Controller Hub External Design Specification (Yellow Cover)
Intel
® Enterprise South Bridge-2 (ESB-2) External Design Specification (Yellow Cover)
TEB 2.11 – Thin Electronics Bay (1U/2U Rack Optimized)
EPS 1U Rev. 2.93 – Entry Level Power Supply – 1U non-redundant – Intel
® S5000 Server Board
Family
ERP 2U – Rev. 2.31 – Entry Redundant Power Supply 2U form factor – Intel
® S5000 Server
Board Family
Note:
Yellow Cover documents can only be obtained under NDA with Intel and ordered through an Intel
representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com