Electronic Components Datasheet Search
  English  ▼

X  

R27 Datasheet(PDF) 209 Page - Renesas Technology Corp

Part # R27
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R27 Datasheet(HTML) 209 Page - Renesas Technology Corp

Back Button R27 Datasheet HTML 205Page - Renesas Technology Corp R27 Datasheet HTML 206Page - Renesas Technology Corp R27 Datasheet HTML 207Page - Renesas Technology Corp R27 Datasheet HTML 208Page - Renesas Technology Corp R27 Datasheet HTML 209Page - Renesas Technology Corp R27 Datasheet HTML 210Page - Renesas Technology Corp R27 Datasheet HTML 211Page - Renesas Technology Corp R27 Datasheet HTML 212Page - Renesas Technology Corp R27 Datasheet HTML 213Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 487 page
background image
R8C/26 Group, R8C/27 Group
14. Timers
Rev.2.10
Sep 26, 2008
Page 190 of 453
REJ09B0278-0210
Figure 14.34
TRCDF Register
Timer RC Digital Filter Function Select Register
Symbol
Address
After Reset
TRCDF
0131h
00h
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
These bits are enabled for the input capture function.
These bits are enabled w hen in PWM2 mode and bits TCEG1 to TCEG0 in the TRCCR2 register are set to 01b, 10b, or
11b (TRCTRG trigger input enabled).
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
Clock select bits for digital filter
function(1, 2)
—
(b5)
DFCK0
RW
—
b7 b6
0 0 : f32
0 1 : f8
1 0 : f1
1 1 : Count source (clock selected by
bits TCK2 to TCK0 in the
TRCCR1 register)
b3 b2
DFD
b1 b0
DFC
b7 b6 b5 b4
RW
DFB
RW
DFA
TRCIOA pin digital filter function
select bit(1)
TRCIOB pin digital filter function
select bit(1)
0 : Function is not used
1 : Function is used
RW
RW
TRCIOD pin digital filter function
select bit(1)
TRCIOC pin digital filter function
select bit(1)
DFCK1
RW
DFTRG
TRCTRG pin digital filter function
select bit(2)
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com