Electronic Components Datasheet Search
  English  ▼

X  

R27 Datasheet(PDF) 211 Page - Renesas Technology Corp

Part # R27
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R27 Datasheet(HTML) 211 Page - Renesas Technology Corp

Back Button R27 Datasheet HTML 207Page - Renesas Technology Corp R27 Datasheet HTML 208Page - Renesas Technology Corp R27 Datasheet HTML 209Page - Renesas Technology Corp R27 Datasheet HTML 210Page - Renesas Technology Corp R27 Datasheet HTML 211Page - Renesas Technology Corp R27 Datasheet HTML 212Page - Renesas Technology Corp R27 Datasheet HTML 213Page - Renesas Technology Corp R27 Datasheet HTML 214Page - Renesas Technology Corp R27 Datasheet HTML 215Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 487 page
background image
R8C/26 Group, R8C/27 Group
14. Timers
Rev.2.10
Sep 26, 2008
Page 192 of 453
REJ09B0278-0210
Figure 14.36
Registers TRCIOR0 and TRCIOR1
Timer RC I/O Control Register 0
(1)
Symbol
Address
After Reset
TRCIOR0
0124h
10001000b
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3.
4.
IOB2
RW
TRCGRA mode select bit(2)
0 : Output compare function
1 : Input capture function
RW
TRCGRA input capture input
sw itch bit(4)
0 : fOCO128 signal
1 : TRCIOA pin input
RW
0 : Output compare function
1 : Input capture function
RW
RW
RW
IOA1
IOA0
TRCGRA control bits
Function varies according to the operating mode
(function).
b7 b6 b5 b4
IOA2
TRCGRB mode select bit(3)
The TRCIOR0 register is enabled in timer mode. It is disabled in modes PWM and PWM2.
—
(b7)
b3 b2
IOA3
b1 b0
The IOA3 bit is enabled w hen the IOA2 bit is set to 1 (input capture function).
TRCGRB control bits
Function varies according to the operating mode
(function).
When the BFD bit in the TRCMR register is set to 1 (buffer register of TRCGRB register), set the IOD2 bit in the
TRCIOR1 register to the same value as the IOB2 bit in the TRCIOR0 register.
—
IOB0
IOB1
RW
Nothing is assigned. If necessary, set to 0.
When read, the content is 1.
When the BFC bit in the TRCMR register is set to 1 (buffer register of TRCGRA register), set the IOC2 bit in the
TRCIOR1 register to the same value as the IOA2 bit in the TRCIOR0 register.
Timer RC I/O Control Register 1
(1)
Symbol
Address
After Reset
TRCIOR1
0125h
10001000b
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3.
The TRCIOR1 register is enabled in timer mode. It is disabled in modes PWM and PWM2.
Nothing is assigned. If necessary, set to 0.
When read, the content is 1.
TRCGRC mode select bit(2)
0 : Output compare function
1 : Input capture function
RW
—
—
(b7)
IOD2
RW
TRCGRD control bits
RW
RW
IOC1
IOC0
TRCGRC control bits
Function varies according to the operating mode
(function).
b7 b6 b5 b4
IOC2
0 : Output compare function
1 : Input capture function
b3 b2
—
(b3)
b1 b0
RW
Function varies according to the operating mode
(function).
When the BFD bit in the TRCMR register is set to 1 (buffer register of TRCGRB register), set the IOD2 bit in the
TRCIOR1 register to the same value as the IOB2 bit in the TRCIOR0 register.
—
IOD0
IOD1
RW
Nothing is assigned. If necessary, set to 0.
When read, the content is 1.
When the BFC bit in the TRCMR register is set to 1 (buffer register of TRCGRA register), set the IOC2 bit in the
TRCIOR1 register to the same value as the IOA2 bit in the TRCIOR0 register.
TRCGRD mode select bit(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com