Electronic Components Datasheet Search
  English  ▼

X  

R27 Datasheet(PDF) 210 Page - Renesas Technology Corp

Part # R27
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R27 Datasheet(HTML) 210 Page - Renesas Technology Corp

Back Button R27 Datasheet HTML 206Page - Renesas Technology Corp R27 Datasheet HTML 207Page - Renesas Technology Corp R27 Datasheet HTML 208Page - Renesas Technology Corp R27 Datasheet HTML 209Page - Renesas Technology Corp R27 Datasheet HTML 210Page - Renesas Technology Corp R27 Datasheet HTML 211Page - Renesas Technology Corp R27 Datasheet HTML 212Page - Renesas Technology Corp R27 Datasheet HTML 213Page - Renesas Technology Corp R27 Datasheet HTML 214Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 487 page
background image
R8C/26 Group, R8C/27 Group
14. Timers
Rev.2.10
Sep 26, 2008
Page 191 of 453
REJ09B0278-0210
Figure 14.35
TRCOER Register
Timer RC Output Master Enable Register
Symbol
Address
After Reset
TRCOER
0132h
01111111b
Bit Symbol
Bit Name
Function
RW
INT0
_____
of pulse output forced
0 : Pulse output forced cutoff input disabled
cutoff signal input enabled
1 : Pulse output forced cutoff input enabled
bit
(Bits EA, EB, EC, and ED are set to 1
(disable output) w hen “L” is applied to the
INT0
_____
pin)
NOTE:
1.
—
(b6-b4)
These bits are disabled for input pins set to the input capture function.
RW
—
TRCIOD output disable bit(1)
0 : Enable output
1 : Disable output (The TRCIOD pin is
used as a programmable I/O port.)
Nothing is assigned. If necessary, set to 0.
When read, the content is 1.
RW
PTO
TRCIOC output disable bit(1)
0 : Enable output
1 : Disable output (The TRCIOC pin is
used as a programmable I/O port.)
EC
RW
RW
EB
RW
TRCIOA output disable bit(1)
0 : Enable output
1 : Disable output (The TRCIOA pin is
used as a programmable I/O port.)
TRCIOB output disable bit(1)
0 : Enable output
1 : Disable output (The TRCIOB pin is
used as a programmable I/O port.)
b7 b6 b5 b4 b3 b2
ED
b1 b0
EA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com