Electronic Components Datasheet Search
  English  ▼

X  

R27 Datasheet(PDF) 212 Page - Renesas Technology Corp

Part # R27
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R27 Datasheet(HTML) 212 Page - Renesas Technology Corp

Back Button R27 Datasheet HTML 208Page - Renesas Technology Corp R27 Datasheet HTML 209Page - Renesas Technology Corp R27 Datasheet HTML 210Page - Renesas Technology Corp R27 Datasheet HTML 211Page - Renesas Technology Corp R27 Datasheet HTML 212Page - Renesas Technology Corp R27 Datasheet HTML 213Page - Renesas Technology Corp R27 Datasheet HTML 214Page - Renesas Technology Corp R27 Datasheet HTML 215Page - Renesas Technology Corp R27 Datasheet HTML 216Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 487 page
background image
R8C/26 Group, R8C/27 Group
14. Timers
Rev.2.10
Sep 26, 2008
Page 193 of 453
REJ09B0278-0210
14.3.3
Common Items for Multiple Modes
14.3.3.1
Count Source
The method of selecting the count source is common to all modes.
Table 14.14 lists the Count Source Selection, and Figure 14.37 shows a Count Source Block Diagram.
Figure 14.37
Count Source Block Diagram
The pulse width of the external clock input to the TRCCLK pin should be three cycles or more of the timer RC
operation clock (refer to Table 14.11 Timer RC Operation Clock).
To select fOCO40M as the count source, set the FRA00 bit in the FRA0 register set to 1 (high-speed on-chip
oscillator on), and then set bits TCK2 to TCK0 in the TRCCR1 register to 110b (fOCO40M).
Table 14.14
Count Source Selection
Count Source
Selection Method
f1, f2, f4, f8, f32
Count source selected using bits TCK2 to TCK0 in TRCCR1 register
fOCO40M
FRA00 bit in FRA0 register set to 1 (high-speed on-chip oscillator on) and bits
TCK2 to TCK0 in TRCCR1 register are set to 110b (fOCO40M)
External signal input
to TRCCLK pin
Bits TCK2 to TCK0 in TRCCR1 register are set to 101b (count source is rising edge
of external clock) and PD3_3 bit in PD3 register is set to 0 (input mode)
TCK2 to TCK0
TRC register
TCK2 to TCK0: Bits in TRCCR1 register
f1
f2
f4
f8
f32
= 001b
= 010b
= 011b
= 000b
= 110b
= 100b
Count source
TRCCLK
= 101b
fOCO40M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com