Electronic Components Datasheet Search
  English  ▼

X  

CC430F613 Datasheet(PDF) 3 Page - Texas Instruments

Part # CC430F613
Description  MSP430 SoC with RF Core
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC430F613 Datasheet(HTML) 3 Page - Texas Instruments

  CC430F613 Datasheet HTML 1Page - Texas Instruments CC430F613 Datasheet HTML 2Page - Texas Instruments CC430F613 Datasheet HTML 3Page - Texas Instruments CC430F613 Datasheet HTML 4Page - Texas Instruments CC430F613 Datasheet HTML 5Page - Texas Instruments CC430F613 Datasheet HTML 6Page - Texas Instruments CC430F613 Datasheet HTML 7Page - Texas Instruments CC430F613 Datasheet HTML 8Page - Texas Instruments CC430F613 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 120 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
CC430F613x
CC430F612x
CC430F513x
www.ti.com
SLAS554E – MAY 2009 – REVISED NOVEMBER 2010
ORDERING INFORMATION(1)
PACKAGED DEVICES(2)
TA
PLASTIC 64-PIN QFN (RGC)
PLASTIC 48-PIN QFN (RGZ)
CC430F6137IRGC
CC430F5137IRGZ
CC430F6135IRGC
CC430F5135IRGZ
–40°C to 85°C
CC430F6127IRGC
CC430F5133IRGZ
CC430F6126IRGC
CC430F6125IRGC
(1)
For the most current package and ordering information, see the Package Option Addendum at the end
of this document, or see the TI web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com