Electronic Components Datasheet Search
  English  ▼

X  

CC430F613 Datasheet(PDF) 49 Page - Texas Instruments

Part # CC430F613
Description  MSP430 SoC with RF Core
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC430F613 Datasheet(HTML) 49 Page - Texas Instruments

Back Button CC430F613 Datasheet HTML 45Page - Texas Instruments CC430F613 Datasheet HTML 46Page - Texas Instruments CC430F613 Datasheet HTML 47Page - Texas Instruments CC430F613 Datasheet HTML 48Page - Texas Instruments CC430F613 Datasheet HTML 49Page - Texas Instruments CC430F613 Datasheet HTML 50Page - Texas Instruments CC430F613 Datasheet HTML 51Page - Texas Instruments CC430F613 Datasheet HTML 52Page - Texas Instruments CC430F613 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 120 page
background image
0
10
20
30
40
50
60
0
0.5
1
1.5
2
2.5
3
3.5
VOL - Low -Level Output Voltage - V
VCC = 3.0 V
P4.3
TA = 25°C
TA = 85°C
0
5
10
15
20
25
0
0.5
1
1.5
2
VOL - Low -Level Output Voltage - V
VDD = 5.5 V
VCC = 1.8 V
P4.3
TA = 25°C
TA = 85°C
-60
-50
-40
-30
-20
-10
0
0
0.5
1
1.5
2
2.5
3
3.5
VOH - High-Level Output Voltage - V
VCC = 3.0 V
VCC = 3.0 V
P4.3
TA = 25°C
TA = 85°C
-25
-20
-15
-10
-5
0
0
0.5
1
1.5
2
VOH - High-Level Output Voltage - V
VDD = 5.5 V
VDD = 5.5 V
VCC = 1.8 V
P4.3
TA = 25°C
TA = 85°C
ECCN 5E002 TSPA - Technology / Software Publicly Available
CC430F613x
CC430F612x
CC430F513x
www.ti.com
SLAS554E – MAY 2009 – REVISED NOVEMBER 2010
Typical Characteristics - Outputs, Full Drive Strength (PxDS.y = 1)
TYPICAL LOW-LEVEL OUTPUT CURRENT
TYPICAL LOW-LEVEL OUTPUT CURRENT
vs
vs
LOW-LEVEL OUTPUT VOLTAGE
LOW-LEVEL OUTPUT VOLTAGE
Figure 10.
Figure 11.
TYPICAL HIGH-LEVEL OUTPUT CURRENT
TYPICAL HIGH-LEVEL OUTPUT CURRENT
vs
vs
HIGH-LEVEL OUTPUT VOLTAGE
HIGH-LEVEL OUTPUT VOLTAGE
Figure 12.
Figure 13.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com