Electronic Components Datasheet Search
  English  ▼

X  

CC430F613 Datasheet(PDF) 14 Page - Texas Instruments

Part # CC430F613
Description  MSP430 SoC with RF Core
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC430F613 Datasheet(HTML) 14 Page - Texas Instruments

Back Button CC430F613 Datasheet HTML 10Page - Texas Instruments CC430F613 Datasheet HTML 11Page - Texas Instruments CC430F613 Datasheet HTML 12Page - Texas Instruments CC430F613 Datasheet HTML 13Page - Texas Instruments CC430F613 Datasheet HTML 14Page - Texas Instruments CC430F613 Datasheet HTML 15Page - Texas Instruments CC430F613 Datasheet HTML 16Page - Texas Instruments CC430F613 Datasheet HTML 17Page - Texas Instruments CC430F613 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 120 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
CC430F613x
CC430F612x
CC430F513x
SLAS554E – MAY 2009 – REVISED NOVEMBER 2010
www.ti.com
CC430F513x Terminal Functions (continued)
TERMINAL
I/O(1)
DESCRIPTION
NAME
NO.
AVCC_RF
28
Radio analog power supply
RF
Positive RF input to LNA in receive mode
RF_P
29
I/O
Positive RF output from PA in transmit mode
RF
Negative RF input to LNA in receive mode
RF_N
30
I/O
Negative RF output from PA in transmit mode
AVCC_RF
31
Radio analog power supply
AVCC_RF
32
Radio analog power supply
RBIAS
33
External bias resistor for radio reference current
GUARD
34
Power supply connection for digital noise isolation
General-purpose digital I/O
PJ.0/ TDO
35
I/O
Test data output port
General-purpose digital I/O
PJ.1/ TDI/ TCLK
36
I/O
Test data input or test clock input
General-purpose digital I/O
PJ.2/ TMS
37
I/O
Test mode select
General-purpose digital I/O
PJ.3/ TCK
38
I/O
Test clock
Test mode pin – select digital I/O on JTAG pins
TEST/ SBWTCK
39
I
Spy-bi-wire input clock
Reset input active low
RST/NMI/ SBWTDIO
40
I/O
Non-maskable interrupt input
Spy-bi-wire data input/output
DVCC
41
Digital power supply
AVSS
42
Analog ground supply for ADC12
General-purpose digital I/O
P5.1/ XOUT
43
I/O
Output terminal of crystal oscillator XT1
General-purpose digital I/O
P5.0/ XIN
44
I/O
Input terminal for crystal oscillator XT1
AVCC
45
Analog power supply
General-purpose digital I/O with port interrupt and map-able secondary function
Default mapping: SVM output
P2.5/ PM_SVMOUT/ CB5/
Comparator_B input CB5
46
I/O
A5/ VREF+/ VeREF+
Analog input A5 – 12-bit ADC
Output of reference voltage to the ADC
Input for an external reference voltage to the ADC
General-purpose digital I/O with port interrupt and map-able secondary function
Default mapping: RTCCLK output
P2.4/ PM_RTCCLK/ CB4/
Comparator_B input CB4
47
I/O
A4/ VREF-/ VeREF-
Analog input A4 – 12-bit ADC
Negative terminal for the ADC's reference voltage for both sources, the internal
reference voltage, or an external applied reference voltage
General-purpose digital I/O with port interrupt and map-able secondary function
Default mapping: TA1 CCR2 compare output/capture input
P2.3/ PM_TA1CCR2A/ CB3/ A3
48
I/O
Comparator_B input CB3
Analog input A3 – 12-bit ADC
Ground supply
VSS - Exposed die attach pad
The exposed die attach pad must be connected to a solid ground plane as this is
the ground connection for the chip.
14
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com