Electronic Components Datasheet Search
  English  ▼

X  

CC430F613 Datasheet(PDF) 64 Page - Texas Instruments

Part # CC430F613
Description  MSP430 SoC with RF Core
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC430F613 Datasheet(HTML) 64 Page - Texas Instruments

Back Button CC430F613 Datasheet HTML 60Page - Texas Instruments CC430F613 Datasheet HTML 61Page - Texas Instruments CC430F613 Datasheet HTML 62Page - Texas Instruments CC430F613 Datasheet HTML 63Page - Texas Instruments CC430F613 Datasheet HTML 64Page - Texas Instruments CC430F613 Datasheet HTML 65Page - Texas Instruments CC430F613 Datasheet HTML 66Page - Texas Instruments CC430F613 Datasheet HTML 67Page - Texas Instruments CC430F613 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 120 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
CC430F613x
CC430F612x
CC430F513x
SLAS554E – MAY 2009 – REVISED NOVEMBER 2010
www.ti.com
LCD_B Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
VLCD
LCD voltage
VLCDx=0000, VLCDEXT=0
2.4 V to
VCC
V
3.6 V
LCDCPEN=1, VLCDx=0001
2.0 V to
2.54
V
3.6 V
LCDCPEN=1, VLCDx=0010
2.0 V to
2.60
V
3.6 V
LCDCPEN=1, VLCDx=0011
2.0 V to
2.66
V
3.6 V
LCDCPEN=1, VLCDx=0100
2.0 V to
2.72
V
3.6 V
LCDCPEN=1, VLCDx=0101
2.0 V to
2.78
V
3.6 V
LCDCPEN=1, VLCDx=0110
2.0 V to
2.84
V
3.6 V
LCDCPEN=1, VLCDx=0111
2.0 V to
2.90
V
3.6 V
LCDCPEN=1, VLCDx=1000
2.0 V to
2.96
V
3.6 V
LCDCPEN=1, VLCDx=1001
2.0 V to
3.02
V
3.6 V
LCDCPEN=1, VLCDx=1010
2.0 V to
3.08
V
3.6 V
LCDCPEN=1, VLCDx=1011
2.0 V to
3.14
V
3.6 V
LCDCPEN=1, VLCDx=1100
2.0 V to
3.20
V
3.6 V
LCDCPEN=1, VLCDx=1101
2.2 V to
3.26
V
3.6 V
LCDCPEN=1, VLCDx=1110
2.2 V to
3.32
V
3.6 V
LCDCPEN=1, VLCDx=1111
2.2 V to
3.38
3.6
V
3.6 V
ICC,Peak,CP
Peak supply currents due to
LCDCPEN=1, VLCDx=1111
2.2V
200
µA
charge pump activities
tLCD,CP,on
Time to charge CLCD when
CLCDCAP=4.7µF, LCDCPEN=0→1,
2.2V
100
500
ms
discharge
VLCDx=1111
ICP,Load
Max. charge pump load current
LCDCPEN=1, VLCDx=1111
2.2V
50
µA
RLCD,Seg
LCD driver output impedance,
LCDCPEN=1, VLCDx=1000,
2.2V
10
k
Ω
segment lines
ILOAD=±10µA
RLCD,COM
LCD driver output impedance,
LCDCPEN=1, VLCDx=1000,
2.2V
10
k
Ω
common lines
ILOAD=±10µA
64
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com