Electronic Components Datasheet Search
  English  ▼

X  

CC430F613 Datasheet(PDF) 63 Page - Texas Instruments

Part # CC430F613
Description  MSP430 SoC with RF Core
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC430F613 Datasheet(HTML) 63 Page - Texas Instruments

Back Button CC430F613 Datasheet HTML 59Page - Texas Instruments CC430F613 Datasheet HTML 60Page - Texas Instruments CC430F613 Datasheet HTML 61Page - Texas Instruments CC430F613 Datasheet HTML 62Page - Texas Instruments CC430F613 Datasheet HTML 63Page - Texas Instruments CC430F613 Datasheet HTML 64Page - Texas Instruments CC430F613 Datasheet HTML 65Page - Texas Instruments CC430F613 Datasheet HTML 66Page - Texas Instruments CC430F613 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 120 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
CC430F613x
CC430F612x
CC430F513x
www.ti.com
SLAS554E – MAY 2009 – REVISED NOVEMBER 2010
LCD_B Recommended Operating Conditions
PARAMETER
CONDITIONS
MIN
NOM
MAX
UNIT
Supply voltage range,
LCDCPEN=1, 0000 < VLCDx
≤ 1111 (charge
VCC,LCD_B,CP en,3.6
charge pump enabled,
2.2
3.6
V
pump enabled, VLCD≤ 3.6 V)
VLCD ≤ 3.6 V
Supply voltage range,
LCDCPEN=1, 0000 < VLCDx
≤ 1100 (charge
VCC,LCD_B,CP en,3.3
charge pump enabled,
2.0
3.6
V
pump enabled, VLCD≤ 3.3 V)
VLCD≤ 3.3 V
Supply voltage range,
VCC,LCD_B,int. bias
internal biasing,
LCDCPEN=0, VLCDEXT=0
2.4
3.6
V
charge pump disabled
Supply voltage range,
VCC,LCD_B,ext. bias
external biasing,
LCDCPEN=0, VLCDEXT=0
2.4
3.6
V
charge pump disabled
Supply voltage range,
external LCD voltage,
VCC,LCD_B,VLCDEXT
internal or external
LCDCPEN=0, VLCDEXT=1
2.0
3.6
V
biasing, charge pump
disabled
External LCD voltage
at LCDCAP/R33,
VLCDCAP/R33
internal or external
LCDCPEN=0, VLCDEXT=1
2.4
3.6
V
biasing, charge pump
disabled
Capacitor on LCDCAP
LCDCPEN=1, VLCDx > 0000 (charge pump
CLCDCAP
when charge pump
4.7
4.7
10
µF
enabled)
enabled
LCD frame frequency
fLCD = 2 × mux × fFRAME with mux= 1 (static),
fFrame
0
100
Hz
range
2, 3, 4.
ACLK input frequency
fACLK,in
30
32
40
kHz
range
CPanel
Panel capacitance
100-Hz frame frequency
10000
pF
Analog input voltage
VR33
LCDCPEN=0, VLCDEXT=1
2.4
VCC+0.2
V
at R33
VR03 +
Analog input voltage
VR23,1/3bias
LCDREXT=1, LCDEXTBIAS=1, LCD2B=0
VR13 2/3*(VR33
VR33
V
at R23
-VR03)
Analog input voltage
VR03 +
VR13,1/3bias
at R13 with 1/3
LCDREXT=1, LCDEXTBIAS=1, LCD2B=0
VR03 1/3*(VR33
VR23
V
biasing
-VR03)
Analog input voltage
VR03 +
VR13,1/2bias
at R13 with 1/2
LCDREXT=1, LCDEXTBIAS=1, LCD2B=1
VR03 1/2*(VR33
VR33
V
biasing
-VR03)
Analog input voltage
VR03
R0EXT=1
VSS
V
at R03
Voltage difference
VLCD-VR03
between VLCD and
LCDCPEN=0, R0EXT=1
2.4
VCC+0.2
V
R03
External LCD
reference voltage
VLCDREF/R13
VLCDREFx = 01
0.8
1.2
1.5
V
applied at
LCDREF/R13
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com