Electronic Components Datasheet Search
  English  ▼

X  

CC430F613 Datasheet(PDF) 13 Page - Texas Instruments

Part # CC430F613
Description  MSP430 SoC with RF Core
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC430F613 Datasheet(HTML) 13 Page - Texas Instruments

Back Button CC430F613 Datasheet HTML 9Page - Texas Instruments CC430F613 Datasheet HTML 10Page - Texas Instruments CC430F613 Datasheet HTML 11Page - Texas Instruments CC430F613 Datasheet HTML 12Page - Texas Instruments CC430F613 Datasheet HTML 13Page - Texas Instruments CC430F613 Datasheet HTML 14Page - Texas Instruments CC430F613 Datasheet HTML 15Page - Texas Instruments CC430F613 Datasheet HTML 16Page - Texas Instruments CC430F613 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 120 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
CC430F613x
CC430F612x
CC430F513x
www.ti.com
SLAS554E – MAY 2009 – REVISED NOVEMBER 2010
CC430F513x Terminal Functions
TERMINAL
I/O(1)
DESCRIPTION
NAME
NO.
General-purpose digital I/O with port interrupt and map-able secondary function
Default mapping: TA1 CCR1 compare output/capture input
P2.2/ PM_TA1CCR1A/ CB2/ A2
1
I/O
Comparator_B input CB2
Analog input A2 – 12-bit ADC
General-purpose digital I/O with port interrupt and map-able secondary function
Default mapping: TA1 CCR0 compare output/capture input
P2.1/ PM_TA1CCR0A/ CB1/ A1
2
I/O
Comparator_B input CB1
Analog input A1 – 12-bit ADC
General-purpose digital I/O with port interrupt and map-able secondary function
P2.0/ PM_CBOUT1/ PM_TA1CLK/
Default mapping: Comparator_B output; TA1 clock input
3
I/O
CB0/ A0
Comparator_B input CB0
Analog input A0 – 12-bit ADC
P1.7/ PM_UCA0CLK/
General-purpose digital I/O with port interrupt and map-able secondary function
4
I/O
PM_UCB0STE
Default mapping: USCI_A0 clock input/output / USCI_B0 SPI slave transmit enable
P1.6/ PM_UCA0TXD/
General-purpose digital I/O with port interrupt and map-able secondary function
5
I/O
PM_UCB0SIMO
Default mapping: USCI_A0 UART transmit data; USCI_A0 SPI slave in master out
P1.5/ PM_UCA0RXD/
General-purpose digital I/O with port interrupt and map-able secondary function
6
I/O
PM_UCB0SOMI
Default mapping: USCI_A0 UART receive data; USCI_A0 SPI slave out master in
VCORE
7
Regulated core power supply
DVCC
8
Digital power supply
P1.4/ PM_UCB0CLK/
General-purpose digital I/O with port interrupt and map-able secondary function
9
I/O
PM_UCA0STE
Default mapping: USCI_B0 clock input/output / USCI_A0 SPI slave transmit enable
P1.3/ PM_UCB0SIMO/
General-purpose digital I/O with port interrupt and map-able secondary function
10
I/O
PM_UCB0SDA
Default mapping: USCI_B0 SPI slave in master out/USCI_B0 I2C data
P1.2/ PM_UCB0SOMI/
General-purpose digital I/O with port interrupt and map-able secondary function
11
I/O
PM_UCB0SCL
Default mapping: USCI_B0 SPI slave out master in/UCSI_B0 I2C clock
General-purpose digital I/O with port interrupt and map-able secondary function
P1.1/ PM_RFGDO2
12
I/O
Default mapping: Radio GDO2 output
General-purpose digital I/O with port interrupt and map-able secondary function
P1.0/ PM_RFGDO0
13
I/O
Default mapping: Radio GDO0 output
General-purpose digital I/O with map-able secondary function
P3.7/ PM_SMCLK
14
I/O
Default mapping: SMCLK output
General-purpose digital I/O with map-able secondary function
P3.6/ PM_RFGDO1
15
I/O
Default mapping: Radio GDO1 output
General-purpose digital I/O with map-able secondary function
P3.5/ PM_TA0CCR4A
16
I/O
Default mapping: TA0 CCR4 compare output/capture input
General-purpose digital I/O with map-able secondary function
P3.4/ PM_TA0CCR3A
17
I/O
Default mapping: TA0 CCR3 compare output/capture input
General-purpose digital I/O with map-able secondary function
P3.3/ PM_TA0CCR2A
18
I/O
Default mapping: TA0 CCR2 compare output/capture input
General-purpose digital I/O with map-able secondary function
P3.2/ PM_TA0CCR1A
19
I/O
Default mapping: TA0 CCR1 compare output/capture input
General-purpose digital I/O with map-able secondary function
P3.1/ PM_TA0CCR0A
20
I/O
Default mapping: TA0 CCR0 compare output/capture input
General-purpose digital I/O with map-able secondary function
P3.0/ PM_CBOUT0/ PM_TA0CLK
21
I/O
Default mapping: Comparator_B output; TA0 clock input
DVCC
22
Digital power supply
P2.7/ PM_ADC12CLK/
General-purpose digital I/O with port interrupt and map-able secondary function
23
I/O
PM_DMAE0
Default mapping: ADC12CLK output; DMA external trigger input
General-purpose digital I/O with port interrupt and map-able secondary function
P2.6/ PM_ACLK
24
I/O
Default mapping: ACLK output
RF_XIN
25
I
Input terminal for RF crystal oscillator, or external clock input
RF_XOUT
26
O
Output terminal for RF crystal oscillator
AVCC_RF
27
Radio analog power supply
(1)
I = input, O = output
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com