Electronic Components Datasheet Search
  English  ▼

X  

CC430F613 Datasheet(PDF) 84 Page - Texas Instruments

Part # CC430F613
Description  MSP430 SoC with RF Core
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC430F613 Datasheet(HTML) 84 Page - Texas Instruments

Back Button CC430F613 Datasheet HTML 80Page - Texas Instruments CC430F613 Datasheet HTML 81Page - Texas Instruments CC430F613 Datasheet HTML 82Page - Texas Instruments CC430F613 Datasheet HTML 83Page - Texas Instruments CC430F613 Datasheet HTML 84Page - Texas Instruments CC430F613 Datasheet HTML 85Page - Texas Instruments CC430F613 Datasheet HTML 86Page - Texas Instruments CC430F613 Datasheet HTML 87Page - Texas Instruments CC430F613 Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 120 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
CC430F613x
CC430F612x
CC430F513x
SLAS554E – MAY 2009 – REVISED NOVEMBER 2010
www.ti.com
Frequency Synthesizer Characteristics
TA = 25°C, VCC = 3 V (unless otherwise noted)
(1)
MIN figures are given using a 27MHz crystal. TYP and MAX figures are given using a 26MHz crystal.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Programmed frequency resolution(2)
26- to 27-MHz crystal
397
fXOSC/2
16
412
Hz
Synthesizer frequency tolerance(3)
±40
ppm
50-kHz offset from carrier
–95
100-kHz offset from carrier
–94
200-kHz offset from carrier
–94
500-kHz offset from carrier
–98
RF carrier phase noise
dBc/Hz
1-MHz offset from carrier
–107
2-MHz offset from carrier
–112
5-MHz offset from carrier
–118
10-MHz offset from carrier
–129
PLL turn-on / hop time(4)
Crystal oscillator running
85.1
88.4
88.4
µs
PLL RX/TX settling time(5)
9.3
9.6
9.6
µs
PLL TX/RX settling time(6)
20.7
21.5
21.5
µs
PLL calibration time(7)
694
721
721
µs
(1)
All measurement results are obtained using the EM430F6137RF900 with BOM according to tested frequency range (see Table 46).
(2)
The resolution (in Hz) is equal for all frequency bands.
(3)
Depends on crystal used. Required accuracy (including temperature and aging) depends on frequency band and channel bandwidth /
spacing.
(4)
Time from leaving the IDLE state until arriving in the RX, FSTXON, or TX state, when not performing calibration.
(5)
Settling time for the 1-IF frequency step from RX to TX
(6)
Settling time for the 1-IF frequency step from TX to RX
(7)
Calibration can be initiated manually or automatically before entering or after leaving RX/TX.
84
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com