Electronic Components Datasheet Search
  English  ▼

X  

CC430F613 Datasheet(PDF) 72 Page - Texas Instruments

Part # CC430F613
Description  MSP430 SoC with RF Core
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC430F613 Datasheet(HTML) 72 Page - Texas Instruments

Back Button CC430F613 Datasheet HTML 68Page - Texas Instruments CC430F613 Datasheet HTML 69Page - Texas Instruments CC430F613 Datasheet HTML 70Page - Texas Instruments CC430F613 Datasheet HTML 71Page - Texas Instruments CC430F613 Datasheet HTML 72Page - Texas Instruments CC430F613 Datasheet HTML 73Page - Texas Instruments CC430F613 Datasheet HTML 74Page - Texas Instruments CC430F613 Datasheet HTML 75Page - Texas Instruments CC430F613 Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 120 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
CC430F613x
CC430F612x
CC430F513x
SLAS554E – MAY 2009 – REVISED NOVEMBER 2010
www.ti.com
Current Consumption, Receive Mode
TA = 25°C, VCC = 3 V (unless otherwise noted)
(1) (2)
DATA
FREQ
PARAMETER
RATE
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(MHz)
(kBaud)
Input at -100 dBm (close to
17
sensitivity limit)
1.2
Input at -40 dBm (well above
16
sensitivity limit)
Input at -100 dBm (close to
17
Register settings
sensitivity limit)
315
38.4
optimized for reduced
Input at -40 dBm (well above
current
16
sensitivity limit)
Input at -100 dBm (close to
18
sensitivity limit)
250
Input at -40 dBm (well above
16.5
sensitivity limit)
Input at -100 dBm (close to
18
sensitivity limit)
1.2
Input at -40 dBm (well above
17
sensitivity limit)
Input at -100 dBm (close to
18
Current
Register settings
sensitivity limit)
consumption,
433
38.4
optimized for reduced
mA
Input at -40 dBm (well above
RX
current
17
sensitivity limit)
Input at -100 dBm (close to
18.5
sensitivity limit)
250
Input at -40 dBm (well above
17
sensitivity limit)
Input at -100 dBm (close to
16
sensitivity limit)
1.2
Input at -40 dBm (well above
15
sensitivity limit)
Input at -100 dBm (close to
16
Register settings
sensitivity limit)
868, 915
38.4
optimized for reduced
Input at -40 dBm (well above
current(3)
15
sensitivity limit)
Input at -100 dBm (close to
16
sensitivity limit)
250
Input at -40 dBm (well above
15
sensitivity limit)
(1)
All measurement results are obtained using the EM430F6137RF900 with BOM according to tested frequency range (see Table 46).
(2)
Reduced current setting (MDMCFG2.DEM_DCFILT_OFF = 1) gives a slightly lower current consumption at the cost of a reduction in
sensitivity. See tables "RF Receive" for additional details on current consumption and sensitivity.
(3)
For 868/915 MHz, see Figure 21 for current consumption with register settings optimized for sensitivity.
72
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com