Electronic Components Datasheet Search
  English  ▼

X  

PPC8572CLVTATLD Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # PPC8572CLVTATLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CLVTATLD Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button PPC8572CLVTATLD Datasheet HTML 19Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 20Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 21Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 22Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 23Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 24Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 25Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 26Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
23
DDR2 and DDR3 SDRAM Controller
400 MHz
tDDKHCS
1.95
—
ns
3
MCS[n] output hold with respect to MCK
tDDKHCX
ns
3
800 MHz
0.917
—
667 MHz
1.10
—
533 MHz
1.48
—
400 MHz
1.95
—
MCK to MDQS Skew
tDDKHMH
ns
4
800 MHz
–0.375
0.375
<= 667 MHz
–0.6
0.6
MDQ/MECC/MDM output setup with respect
to MDQS
tDDKHDS,
tDDKLDS
ps
5
800 MHz
375
—
667 MHz
450
—
533 MHz
538
—
400 MHz
700
—
MDQ/MECC/MDM output hold with respect to
MDQS
tDDKHDX,
tDDKLDX
ps
5
800 MHz
375
—
667 MHz
450
—
533 MHz
538
—
400 MHz
700
—
MDQS preamble start
tDDKHMP
ns
6
800 MHz
–0.5
× tMCK –
0.375
–0.5
× tMCK
+0.375
<= 667 MHz
–0.5
× tMCK – 0.6 –0.5 × tMCK +0.6
MDQS epilogue end
tDDKHME
ns
6
800 MHz
–0.375
0.375
Table 17. DDR2 and DDR3 SDRAM Interface Output AC Timing Specifications (continued)
At recommended operating conditions with GVDD of 1.8 V ± 5% for DDR2 or 1.5 V ± 5% for DDR3.
Parameter
Symbol 1
Min
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com