Electronic Components Datasheet Search
  English  ▼

X  

PPC8572CLVTATLD Datasheet(PDF) 52 Page - Freescale Semiconductor, Inc

Part # PPC8572CLVTATLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CLVTATLD Datasheet(HTML) 52 Page - Freescale Semiconductor, Inc

Back Button PPC8572CLVTATLD Datasheet HTML 48Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 49Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 50Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 51Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 52Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 53Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 54Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 55Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 56Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
52
Freescale Semiconductor
Ethernet Management Interface Electrical Characteristics
Figure 28 shows the MII management AC timing diagram.
Figure 28. MII Management Interface Timing Diagram
ECn_MDIO to ECn_MDC hold time
tMDDXKH
0—
—
ns
—
ECn_MDC rise time
tMDCR
—
—
10
ns
4
ECn_MDC fall time
tMDHF
—
—
10
ns
4
Notes:
1. The symbols used for timing specifications herein follow the pattern of t(first two letters of functional block)(signal)(state)
(reference)(state) for inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tMDKHDX
symbolizes management data timing (MD) for the time tMDC from clock reference (K) high (H) until data outputs (D) are
invalid (X) or data hold time. Also, tMDDVKH symbolizes management data timing (MD) with respect to the time data input
signals (D) reach the valid state (V) relative to the tMDC clock reference (K) going to the high (H) state or setup time. For
rise and fall times, the latter convention is used with the appropriate letter: R (rise) or F (fall).
2. This parameter is dependent on the eTSEC system clock speed, which is half of the Platform Frequency (fCCB). The actual
ECn_MDC output clock frequency for a specific eTSEC port can be programmed by configuring the MgmtClk bit field of
MPC8572E’s MIIMCFG register, based on the platform (CCB) clock running for the device. The formula is: Platform
Frequency (CCB)/(2*Frequency Divider determined by MIICFG[MgmtClk] encoding selection). For example, if
MIICFG[MgmtClk] = 000 and the platform (CCB) is currently running at 533 MHz, fMDC = 533/(2*4*8) = 533/64 = 8.3 MHz.
That is, for a system running at a particular platform frequency (fCCB), the ECn_MDC output clock frequency can be
programmed between maximum fMDC = fCCB/64 and minimum fMDC = fCCB/448. Refer to MPC8572E reference manual’s
MIIMCFG register section for more detail.
3. The maximum ECn_MDC output clock frequency is defined based on the maximum platform frequency for MPC8572E
(600 MHz) divided by 64, while the minimum ECn_MDC output clock frequency is defined based on the minimum platform
frequency for MPC8572E (400 MHz) divided by 448, following the formula described in Note 2 above. The typical
ECn_MDC output clock frequency of 2.5 MHz is shown for reference purpose per IEEE 802.3 specification.
4. Guaranteed by design.
5. tplb_clk is the platform (CCB) clock.
Table 44. MII Management AC Timing Specifications (continued)
At recommended operating conditions with LVDD/TVDD of 3.3 V ± 5% or 2.5 V ± 5%.
Parameter/Condition
Symbol 1
Min
Typ
Max
Unit
Notes
ECn_MDC
tMDDXKH
tMDC
tMDCH
tMDCR
tMDCF
tMDDVKH
tMDKHDX
ECn_MDIO
ECn_MDIO
(Input)
(Output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com