Electronic Components Datasheet Search
  English  ▼

X  

PPC8572CLVTATLD Datasheet(PDF) 73 Page - Freescale Semiconductor, Inc

Part # PPC8572CLVTATLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CLVTATLD Datasheet(HTML) 73 Page - Freescale Semiconductor, Inc

Back Button PPC8572CLVTATLD Datasheet HTML 69Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 70Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 71Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 72Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 73Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 74Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 75Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 76Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 77Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
73
High-Speed Serial Interfaces (HSSI)
Figure 43. Differential Voltage Definitions for Transmitter or Receiver
To illustrate these definitions using real values, consider the case of a CML (Current Mode Logic)
transmitter that has a common mode voltage of 2.25 V and each of its outputs, TD and TD, has a swing
that goes between 2.5 V and 2.0 V. Using these values, the peak-to-peak voltage swing of each signal (TD
or TD) is 500 mV p-p, which is referred as the single-ended swing for each signal. In this example, because
the differential signaling environment is fully symmetrical, the transmitter output’s differential swing
(VOD) has the same amplitude as each signal’s single-ended swing. The differential output signal ranges
between 500 mV and –500 mV, in other words, VOD is 500 mV in one phase and –500 mV in the other
phase. The peak differential voltage (VDIFFp) is 500 mV. The peak-to-peak differential voltage (VDIFFp-p)
is 1000 mV p-p.
15.2
SerDes Reference Clocks
The SerDes reference clock inputs are applied to an internal PLL whose output creates the clock used by
the corresponding SerDes lanes. The SerDes reference clocks inputs are SD1_REF_CLK and
SD1_REF_CLK for PCI Express and Serial RapidIO, or SD2_REF_CLK and SD2_REF_CLK for the
SGMII interface respectively.
The following sections describe the SerDes reference clock requirements and some application
information.
15.2.1
SerDes Reference Clock Receiver Characteristics
Figure 44 shows a receiver reference diagram of the SerDes reference clocks. Characteristics are as
follows:
•
The supply voltage requirements for XVDD_SRDS2 are specified in Table 1 and Table 2.
•
SerDes Reference Clock Receiver Reference Circuit Structure
—The SDn_REF_CLK and SDn_REF_CLK are internally AC-coupled differential inputs as
shown in Figure 44. Each differential clock input (SDn_REF_CLK or SDn_REF_CLK) has
on-chip 50-
Ω termination to SGND_SRDSn (xcorevss) followed by on-chip AC-coupling.
Differential Swing, VID or VOD = A – B
A Volts
B Volts
SDn_TX or
SDn_RX
SDn_TX or
SDn_RX
Differential Peak Voltage, VDIFFp = |A – B|
Differential Peak-Peak Voltage, VDIFFpp = 2*VDIFFp (not shown)
Vcm = (A + B) / 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com