Electronic Components Datasheet Search
  English  ▼

X  

PPC8572CLVTATLD Datasheet(PDF) 93 Page - Freescale Semiconductor, Inc

Part # PPC8572CLVTATLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CLVTATLD Datasheet(HTML) 93 Page - Freescale Semiconductor, Inc

Back Button PPC8572CLVTATLD Datasheet HTML 89Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 90Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 91Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 92Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 93Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 94Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 95Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 96Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 97Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
93
Serial RapidIO
Multiple Output skew
SMO
—
1000
ps
Skew at the transmitter output
between lanes of a multilane
link
Unit Interval
UI
400
400
ps
+/- 100 ppm
Table 66. Short Run Transmitter AC Timing Specifications—3.125 GBaud
Characteristic
Symbol
Range
Unit
Notes
Min
Max
Output Voltage,
VO
–0.40
2.30
Volts
Voltage relative to COMMON of
either signal comprising a
differential pair
Differential Output Voltage
VDIFFPP
500
1000
mV p-p
—
Deterministic Jitter
JD
—
0.17
UI p-p
—
Total Jitter
JT
—
0.35
UI p-p
—
Multiple output skew
SMO
—
1000
ps
Skew at the transmitter output
between lanes of a multilane
link
Unit Interval
UI
320
320
ps
+/– 100 ppm
Table 67. Long Run Transmitter AC Timing Specifications—1.25 GBaud
Characteristic
Symbol
Range
Unit
Notes
Min
Max
Output Voltage,
VO
–0.40
2.30
Volts
Voltage relative to COMMON of
either signal comprising a
differential pair
Differential Output Voltage
VDIFFPP
800
1600
mV p-p
—
Deterministic Jitter
JD
—
0.17
UI p-p
—
Total Jitter
JT
—
0.35
UI p-p
—
Multiple output skew
SMO
—
1000
ps
Skew at the transmitter output
between lanes of a multilane
link
Unit Interval
UI
800
800
ps
+/- 100 ppm
Table 65. Short Run Transmitter AC Timing Specifications—2.5 GBaud (continued)
Characteristic
Symbol
Range
Unit
Notes
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com