Electronic Components Datasheet Search
  English  ▼

X  

PPC8572CLVTATLD Datasheet(PDF) 84 Page - Freescale Semiconductor, Inc

Part # PPC8572CLVTATLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CLVTATLD Datasheet(HTML) 84 Page - Freescale Semiconductor, Inc

Back Button PPC8572CLVTATLD Datasheet HTML 80Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 81Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 82Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 83Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 84Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 85Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 86Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 87Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 88Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
84
Freescale Semiconductor
PCI Express
ITX-SHORT
TX Short Circuit
Current Limit
—
90
mA
The total current the Transmitter can provide when
shorted to its ground
TTX-IDLE-MIN
Minimum time
spent in
Electrical Idle
50
—
—
UI
Minimum time a Transmitter must be in Electrical
Idle Utilized by the Receiver to start looking for an
Electrical Idle Exit after successfully receiving an
Electrical Idle ordered set
TTX-IDLE-SET-TO-IDLE
Maximum time to
transition to a
valid Electrical
idle after sending
an Electrical Idle
ordered set
—
—
20
UI
After sending an Electrical Idle ordered set, the
Transmitter must meet all Electrical Idle
Specifications within this time. This is considered a
debounce time for the Transmitter to meet Electrical
Idle after transitioning from L0.
TTX-IDLE-TO-DIFF-DATA Maximum time to
transition to valid
TX specifications
after leaving an
Electrical idle
condition
—
—
20
UI
Maximum time to meet all TX specifications when
transitioning from Electrical Idle to sending
differential data. This is considered a debounce
time for the TX to meet all TX specifications after
leaving Electrical Idle
RLTX-DIFF
Differential
Return Loss
12
—
—
dB
Measured over 50 MHz to 1.25 GHz. See Note 4
RLTX-CM
Common Mode
Return Loss
6
—
—
dB
Measured over 50 MHz to 1.25 GHz. See Note 4
ZTX-DIFF-DC
DC Differential
TX Impedance
80
100
120
Ω
TX DC Differential mode Low Impedance
ZTX-DC
Transmitter DC
Impedance
40
—
—
Ω
Required TX D+ as well as D- DC Impedance
during all states
LTX-SKEW
Lane-to-Lane
Output Skew
—
—
500 +
2 UI
ps
Static skew between any two Transmitter Lanes
within a single Link
CTX
AC Coupling
Capacitor
75
—
200
nF
All Transmitters shall be AC coupled. The AC
coupling is required either within the media or within
the transmitting component itself. See Note 8.
Table 61. Differential Transmitter (TX) Output Specifications (continued)
Symbol
Parameter
Min
Nominal
Max
Units
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com