Electronic Components Datasheet Search
  English  ▼

X  

PPC8572CLVTATLD Datasheet(PDF) 65 Page - Freescale Semiconductor, Inc

Part # PPC8572CLVTATLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CLVTATLD Datasheet(HTML) 65 Page - Freescale Semiconductor, Inc

Back Button PPC8572CLVTATLD Datasheet HTML 61Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 62Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 63Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 64Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 65Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 66Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 67Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 68Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 69Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
65
Programmable Interrupt Controller
11 Programmable Interrupt Controller
In IRQ edge trigger mode, when an external interrupt signal is asserted (according to the programmed
polarity), it must remain asserted for at least 3 system clocks (SYSCLK periods).
12 JTAG
This section describes the AC electrical specifications for the IEEE 1149.1 (JTAG) interface of the
MPC8572E.
Table 52 provides the JTAG AC timing specifications as defined in Figure 37 through Figure 39.
Table 52. JTAG AC Timing Specifications (Independent of SYSCLK) 1
At recommended operating conditions with OVDD of 3.3 V ± 5%.
Parameter
Symbol 2
Min
Max
Unit
Notes
JTAG external clock frequency of operation
fJTG
0
33.3
MHz
—
JTAG external clock cycle time
t JTG
30
—
ns
—
JTAG external clock pulse width measured at 1.4 V
tJTKHKL
15
—
ns
—
JTAG external clock rise and fall times
tJTGR & tJTGF
02
ns
6
TRST assert time
tTRST
25
—
ns
3
Input setup times:
Boundary-scan data
TMS, TDI
tJTDVKH
tJTIVKH
4
0
—
—
ns
4
Input hold times:
Boundary-scan data
TMS, TDI
tJTDXKH
tJTIXKH
20
25
—
—
ns
4
Valid times:
Boundary-scan data
TDO
tJTKLDV
tJTKLOV
4
4
20
25
ns
5
Output hold times:
Boundary-scan data
TDO
tJTKLDX
tJTKLOX
30
30
—
—
ns
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com