Electronic Components Datasheet Search
  English  ▼

X  

PPC8572CLVTATLD Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # PPC8572CLVTATLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CLVTATLD Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button PPC8572CLVTATLD Datasheet HTML 8Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 9Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 10Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 11Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 12Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 13Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 14Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 15Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
12
Freescale Semiconductor
Electrical Characteristics
2.1.2
Recommended Operating Conditions
Table 2 provides the recommended operating conditions for this device. Note that the values shown are the
recommended and tested operating conditions. Proper device operation outside these conditions is not
guaranteed.
Table 2. Recommended Operating Conditions
Characteristic
Symbol Recommended Value Unit Notes
Core supply voltage
VDD
1.1 V ± 55 mV
V
—
PLL supply voltage
AVDD
1.1 V ± 55 mV
V
1
Core power supply for SerDes transceivers
SVDD
1.1 V ± 55 mV
V
—
Pad power supply for SerDes transceivers
XVDD
1.1 V ± 55 mV
V
—
DDR SDRAM
Controller I/O
supply voltage
DDR2 SDRAM Interface
GVDD
1.8 V ± 90 mV
V
—
DDR3 SDRAM Interface
1.5 V ± 75 mV
—
Three-speed Ethernet I/O voltage
LVDD
3.3 V ± 165 mV
2.5 V ± 125 mV
V4
TVDD
3.3 V ± 165 mV
2.5 V ± 125 mV
4
DUART, system control and power management, I2C, and JTAG I/O voltage
OVDD
3.3 V ± 165 mV
V
3
Local bus and GPIO I/O voltage
BVDD
3.3 V ± 165 mV
2.5 V ± 125 mV
1.8 V ± 90 mV
V—
Input voltage
DDR2 and DDR3 SDRAM Interface signals
MVIN
GND to GVDD
V2
DDR2 and DDR3 SDRAM Interface reference
MVREFn
GVDD/2 ± 1%
V
—
Three-speed Ethernet signals
LVIN
TVIN
GND to LVDD
GND to TVDD
V4
Local bus and GPIO signals
BVIN
GND to BVDD
V—
Local bus, DUART, SYSCLK, Serial RapidIO, system
control and power management, I2C, and JTAG
signals
OVIN
GND to OVDD
V3
Junction temperature range
TJ
0 to 105
°C—
Notes:
1. This voltage is the input to the filter discussed in Section 21.2.1, “PLL Power Supply Filtering,” and not necessarily the
voltage at the AVDD pin, that may be reduced from VDD by the filter.
2. Caution: MVIN must not exceed GVDD by more than 0.3 V. This limit may be exceeded for a maximum of 20 ms during
power-on reset and power-down sequences.
3. Caution: OVIN must not exceed OVDD by more than 0.3 V. This limit may be exceeded for a maximum of 20 ms during
power-on reset and power-down sequences.
4. Caution: L/TVIN must not exceed L/TVDD by more than 0.3 V. This limit may be exceeded for a maximum of 20 ms during
power-on reset and power-down sequences.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com