Electronic Components Datasheet Search
  English  ▼

X  

PPC8572CLVTATLD Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # PPC8572CLVTATLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CLVTATLD Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button PPC8572CLVTATLD Datasheet HTML 23Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 24Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 25Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 26Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 27Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 28Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 29Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 30Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
27
DUART
Table 19 provides the differential specifications for the MPC8572E differential signals MDQS/MDQS and
MCK/MCK when in DDR3 mode.
7DUART
This section describes the DC and AC electrical specifications for the DUART interface of the
MPC8572E.
7.1
DUART DC Electrical Characteristics
Table 20 provides the DC electrical characteristics for the DUART interface.
Table 19. DDR3 SDRAM Differential Electrical Characteristics
Parameter/Condition
Symbol
Min
Max
Unit
Notes
DC Input Signal Voltage
VIN
——
mV
—
DC Differential Input Voltage
VID
——
mV
—
AC Differential Input Voltage
VIDAC
——
mV
—
DC Differential Output Voltage
VOH
——
mV
—
AC Differential Output Voltage
VOHAC
——
mV
—
AC Differential Cross-point Voltage
VIXAC
——
mV
—
Input Midpoint Voltage
VMP
——
mV
—
Table 20. DUART DC Electrical Characteristics
Parameter
Symbol
Min
Max
Unit
Supply voltage (3.3 V)
OVDD
3.13
3.47
V
High-level input voltage
VIH
2OVDD + 0.3
V
Low-level input voltage
VIL
–0.3
0.8
V
Input current
(VIN
1 = 0 V or V
IN = VDD)
IIN
—±5
μA
High-level output voltage
(OVDD = min, IOH = –2 mA)
VOH
2.4
—
V
Low-level output voltage
(OVDD = min, IOL = 2 mA)
VOL
—0.4
V
Note:
1. Note that the symbol VIN, in this case, represents the OVIN symbol referenced in Table 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com