Electronic Components Datasheet Search
  English  ▼

X  

PPC8572CLVTATLD Datasheet(PDF) 53 Page - Freescale Semiconductor, Inc

Part # PPC8572CLVTATLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CLVTATLD Datasheet(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button PPC8572CLVTATLD Datasheet HTML 49Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 50Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 51Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 52Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 53Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 54Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 55Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 56Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 57Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
53
Local Bus Controller (eLBC)
10 Local Bus Controller (eLBC)
This section describes the DC and AC electrical specifications for the local bus interface of the
MPC8572E.
10.1
Local Bus DC Electrical Characteristics
Table 45 provides the DC electrical characteristics for the local bus interface operating at BVDD = 3.3 V
DC.
Table 46 provides the DC electrical characteristics for the local bus interface operating at BVDD = 2.5 V
DC.
Table 45. Local Bus DC Electrical Characteristics (3.3 V DC)
Parameter
Symbol
Min
Max
Unit
Supply voltage 3.3V
BVDD
3.13
3.47
V
High-level input voltage
VIH
2BVDD + 0.3
V
Low-level input voltage
VIL
–0.3
0.8
V
Input current
(BVIN
1 = 0 V or BV
IN = BVDD)
IIN
—±5
μA
High-level output voltage
(BVDD = min, IOH = –2 mA)
VOH
BVDD – 0.2
—
V
Low-level output voltage
(BVDD = min, IOL = 2 mA)
VOL
—0.2
V
Note:
1. Note that the symbol BVIN, in this case, represents the BVIN symbol referenced in Table 1.
Table 46. Local Bus DC Electrical Characteristics (2.5 V DC)
Parameter
Symbol
Min
Max
Unit
Supply voltage 2.5V
BVDD
2.37
2.63
V
High-level input voltage
VIH
1.70
BVDD + 0.3
V
Low-level input voltage
VIL
–0.3
0.7
V
Input current
(BVIN
1 = 0 V or BV
IN = BVDD)
IIH
—10
μA
IIL
–15
High-level output voltage
(BVDD = min, IOH = –1 mA)
VOH
2.0
BVDD + 0.3
V
Low-level output voltage
(BVDD = min, IOL = 1 mA)
VOL
GND – 0.3
0.4
V
Note:
1. The symbol BVIN, in this case, represents the BVIN symbol referenced in Table 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com