Electronic Components Datasheet Search
  English  ▼

X  

PPC8572CLVTATLD Datasheet(PDF) 105 Page - Freescale Semiconductor, Inc

Part # PPC8572CLVTATLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CLVTATLD Datasheet(HTML) 105 Page - Freescale Semiconductor, Inc

Back Button PPC8572CLVTATLD Datasheet HTML 101Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 102Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 103Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 104Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 105Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 106Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 107Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 108Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 109Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
105
Package Description
LGPL2/LOE/LFRE
UPM General Purpose Line 2 /
Output Enable / Flash Read
Enable
A27
O
BVDD
5, 8, 9
LGPL3/LFWP
UPM General Purpose Line 3 /
Flash Write Protect
K16
O
BVDD
5, 9
LGPL4/LGTA/LUPWAIT/LPBSE
/LFRB
UPM General Purpose Line 4 /
Target Ack / Wait / Parity Byte
Select / Flash Ready-Busy
L17
I/O
BVDD
—
LGPL5
UPM General Purpose Line 5 /
Amux
B26
O
BVDD
5, 9
LCLK[0:2]
Local Bus Clock
F17, F16, A23
O
BVDD
—
LSYNC_IN
Local Bus DLL Synchronization B22
I
BVDD
—
LSYNC_OUT
Local Bus DLL Synchronization A21
O
BVDD
—
DMA
DMA1_DACK[0:1]
DMA Acknowledge
W25, U30
O
OVDD
21
DMA2_DACK[0]
DMA Acknowledge
AA26
O
OVDD
5, 9
DMA1_DREQ[0:1]
DMA Request
Y29, V27
I
OVDD
—
DMA2_DREQ[0]
DMA Request
V29
I
OVDD
—
DMA1_DDONE[0:1]
DMA Done
Y28, V30
O
OVDD
5, 9
DMA2_DDONE[0]
DMA Done
AA28
O
OVDD
5, 9
DMA2_DREQ[2]
DMA Request
M23
I
BVDD
—
Programmable Interrupt Controller
UDE0
Unconditional Debug Event
Processor 0
AC25
I
OVDD
—
UDE1
Unconditional Debug Event
Processor 1
AA25
I
OVDD
—
MCP0
Machine Check Processor 0
M28
I
OVDD
—
MCP1
Machine Check Processor 1
L28
I
OVDD
—
IRQ[0:11]
External Interrupts
T24, R24, R25, R27,
R28, AB27, AB28, P27,
R30, AC28, R29, T31
IOVDD
—
IRQ_OUT
Interrupt Output
U24
O
OVDD
2, 4
1588
TSEC_1588_CLK
Clock In
AM22
I
LVDD
—
TSEC_1588_TRIG_IN
Trigger In
AM23
I
LVDD
—
Table 75. MPC8572E Pinout Listing (continued)
Signal
Signal Name
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com