Electronic Components Datasheet Search
  English  ▼

X  

PPC8572CLVTATLD Datasheet(PDF) 125 Page - Freescale Semiconductor, Inc

Part # PPC8572CLVTATLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CLVTATLD Datasheet(HTML) 125 Page - Freescale Semiconductor, Inc

Back Button PPC8572CLVTATLD Datasheet HTML 121Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 122Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 123Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 124Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 125Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 126Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 127Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 128Page - Freescale Semiconductor, Inc PPC8572CLVTATLD Datasheet HTML 129Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
125
System Design Information
21 System Design Information
This section provides electrical and thermal design recommendations for successful application of the
MPC8572E.
21.1
System Clocking
This device includes seven PLLs, as follows:
1. The platform PLL generates the platform clock from the externally supplied SYSCLK input. The
frequency ratio between the platform and SYSCLK is selected using the platform PLL ratio
configuration bits as described in Section 19.2, “CCB/SYSCLK PLL Ratio.”
2. There are two core PLLs whose ratios are individually configurable. Each e500 core PLL
generates the core clock as a slave to the platform clock. The frequency ratio between the e500
core clock and the platform clock is selected using the e500 PLL ratio configuration bits as
described in Section 19.3, “e500 Core PLL Ratio.”
3. The DDR Complex PLL generates the clocking for the DDR Controllers
4. The local bus PLL generates the clock for the local bus.
5. There is a PLL for the SerDes1 module to be used for PCI Express and Serial Rapid IO Interfaces.
6. There is a PLL for the SerDes2 module to be used for SGMII Interface.
21.2
Power Supply Design
21.2.1
PLL Power Supply Filtering
Each of the PLLs listed above is provided with power through independent power supply pins
(AVDD_PLAT, AVDD_CORE0, AVDD_CORE1, AVDD_DDR, AVDD_LBIU, AVDD_SRDS1 and
AVDD_SRDS2 respectively). The AVDD level should always be equivalent to VDD, and preferably these
voltages are derived directly from VDD through a low frequency filter scheme such as the following.
There are a number of ways to reliably provide power to the PLLs, but the recommended solution is to
provide independent filter circuits per PLL power supply as illustrated in Figure 62, one to each of the
AVDD pins. By providing independent filters to each PLL the opportunity to cause noise injection from
one PLL to the other is reduced.
This circuit is intended to filter noise in the PLLs resonant frequency range from a 500 kHz to 10 MHz
range. It should be built with surface mount capacitors with minimum Effective Series Inductance (ESL).
Consistent with the recommendations of Dr. Howard Johnson in High Speed Digital Design: A Handbook
of Black Magic (Prentice Hall, 1993), multiple small capacitors of equal value are recommended over a
single large value capacitor.
Each circuit should be placed as close as possible to the specific AVDD pin being supplied to minimize
noise coupled from nearby circuits. It should be possible to route directly from the capacitors to the AVDD
pin, which is on the periphery of the 1023 FC-PBGA footprint, without the inductance of vias.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com