Electronic Components Datasheet Search
  English  ▼

X  

TDA9898HL/V3 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # TDA9898HL/V3
Description  Multistandard hybrid IF processing
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9898HL/V3 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button TDA9898HL/V3 Datasheet HTML 35Page - NXP Semiconductors TDA9898HL/V3 Datasheet HTML 36Page - NXP Semiconductors TDA9898HL/V3 Datasheet HTML 37Page - NXP Semiconductors TDA9898HL/V3 Datasheet HTML 38Page - NXP Semiconductors TDA9898HL/V3 Datasheet HTML 39Page - NXP Semiconductors TDA9898HL/V3 Datasheet HTML 40Page - NXP Semiconductors TDA9898HL/V3 Datasheet HTML 41Page - NXP Semiconductors TDA9898HL/V3 Datasheet HTML 42Page - NXP Semiconductors TDA9898HL/V3 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 103 page
background image
TDA9897_TDA9898_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 25 May 2009
39 of 103
NXP Semiconductors
TDA9897; TDA9898
Multistandard hybrid IF processing
[1]
Register W11 is logical AND protected by bit W8[7]. Therefore it is required to set W8[7] = 1 to enable pass of any W11 bit.
10. Limiting values
[1]
Class 2 according to JESD22-A114.
[2]
Class B according to EIA/JESD22-A115.
11. Thermal characteristics
0
VIF31875
VIF frequency selection for global ATV application inclusive DVB-T; see Table 24
1 = 31.875 MHz
0 = 32.250 MHz
Table 50.
W11 - data write register bit description[1] …continued
Bit
Symbol
Description
Table 51.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VP
supply voltage
-
5.5
V
Vn
voltage on any other pin
all pins except ground
0
VP
V
tsc
short-circuit time
to ground or VP
-10
s
Tstg
storage temperature
−40
+150
°C
Tamb
ambient temperature
−20
+70
°C
Tcase
case temperature
TDA9898HL (LQFP48)
-
105
°C
TDA9898HN (HVQFN48)
-
115
°C
TDA9897HL (LQFP48)
-
105
°C
TDA9897HN (HVQFN48)
-
115
°C
Vesd
electrostatic discharge voltage
human body model
[1] -
±3000
V
machine model
[2] -
±300
V
Table 52.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-a)
thermal resistance from junction to ambient
in free air; 2 layer board
TDA9898HL (LQFP48)
67
K/W
TDA9898HN (HVQFN48)
48
K/W
TDA9897HL (LQFP48)
67
K/W
TDA9897HN (HVQFN48)
48
K/W
Rth(j-c)
thermal resistance from junction to case
TDA9898HL (LQFP48)
19
K/W
TDA9898HN (HVQFN48)
10
K/W
TDA9897HL (LQFP48)
19
K/W
TDA9897HN (HVQFN48)
10
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com