Electronic Components Datasheet Search
  English  ▼

X  

TDA9898HL/V3 Datasheet(PDF) 68 Page - NXP Semiconductors

Part # TDA9898HL/V3
Description  Multistandard hybrid IF processing
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9898HL/V3 Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button TDA9898HL/V3 Datasheet HTML 64Page - NXP Semiconductors TDA9898HL/V3 Datasheet HTML 65Page - NXP Semiconductors TDA9898HL/V3 Datasheet HTML 66Page - NXP Semiconductors TDA9898HL/V3 Datasheet HTML 67Page - NXP Semiconductors TDA9898HL/V3 Datasheet HTML 68Page - NXP Semiconductors TDA9898HL/V3 Datasheet HTML 69Page - NXP Semiconductors TDA9898HL/V3 Datasheet HTML 70Page - NXP Semiconductors TDA9898HL/V3 Datasheet HTML 71Page - NXP Semiconductors TDA9898HL/V3 Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 103 page
background image
TDA9897_TDA9898_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 25 May 2009
68 of 103
NXP Semiconductors
TDA9897; TDA9898
Multistandard hybrid IF processing
(1) VIF AFC via I2C-bus; accuracy is
±1 digit.
(2) Bit AFCWIN via I2C-bus (VCO is in
±1.6 MHz window) for all standards except M/N standard.
(3) Bit AFCWIN via I2C-bus (VCO is in
±0.8 MHz window) for M/N standard.
(4) VIF AFC average current.
(5) Reading via I2C-bus.
(6) Average; RC network at pin MPP.
Fig 17. Typical analog and digital AFC characteristic for VIF
008aaa035
0
−50
50
−150
150
250
−250
0
−50
50
−150
150
250
IAFC(6)
(
µA)
−250
fVIF (MHz)
36.375
40.375
39.875
37.875
38.875
37.375
36.875
38.375
39.375
bit AFCWIN (R1[7]) = 1
(1)
(4)
(2)
(3)
∆fAFC(VIF)(5)
(kHz)
Characteristics of digital and analog radio AFC is mirrored with respect to center frequency when lower sideband is used
(W2[3] = 0).
(1) RIF AFC via I2C-bus.
(2) FM carrier detection via I2C-bus.
(3) RIF AFC average current.
(4) Reading via I2C-bus.
(5) Average; RC network at pin MPP.
Fig 18. Typical analog and digital AFC characteristic for RIF
001aad443
0
0
−50
50
−150
150
250
IAFC(5)
(
µA)
−250
fRIF (MHz)
5.0
6.0
5.8
5.4
5.6
5.2
AFC undefined
AFC undefined
bit CARRDET (R1[5]) = 1
(1)
(3)
(2)
−50
50
−150
150
250
∆fAFC(RIF)(4)
(kHz)
−250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com