Electronic Components Datasheet Search
  English  ▼

X  

TDA9898HL/V3 Datasheet(PDF) 47 Page - NXP Semiconductors

Part # TDA9898HL/V3
Description  Multistandard hybrid IF processing
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9898HL/V3 Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button TDA9898HL/V3 Datasheet HTML 43Page - NXP Semiconductors TDA9898HL/V3 Datasheet HTML 44Page - NXP Semiconductors TDA9898HL/V3 Datasheet HTML 45Page - NXP Semiconductors TDA9898HL/V3 Datasheet HTML 46Page - NXP Semiconductors TDA9898HL/V3 Datasheet HTML 47Page - NXP Semiconductors TDA9898HL/V3 Datasheet HTML 48Page - NXP Semiconductors TDA9898HL/V3 Datasheet HTML 49Page - NXP Semiconductors TDA9898HL/V3 Datasheet HTML 50Page - NXP Semiconductors TDA9898HL/V3 Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 103 page
background image
TDA9897_TDA9898_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 25 May 2009
47 of 103
NXP Semiconductors
TDA9897; TDA9898
Multistandard hybrid IF processing
Tuner AGC; pin TAGC
TAGC integral loop mode (W6[7:6] = 10); TAGC is current output; applicable for negative modulation only; unmodulated VIF;
see Table 44 and Figure 13
Vi(IF)(RMS)
RMS IF input voltage
for TOP1; at starting point
of tuner AGC takeover;
Isink(TAGC) = 100 µA
W9[4:0] = 0 0000
-
59.6
-
dB
µV
W9[4:0] = 1 0000
-
78.3
-
dB
µV
W9[4:0] = 1 1111
-
98.5
-
dB
µV
αacc(set)TOP1
TOP1 setting accuracy
−2
-
+2
dB
Isource
source current
TAGC charge current
W9[5] = 0
0.20
0.33
0.45
µA
W9[5] = 1
1.6
2.5
3.4
µA
fast mode activated by
internal level detector;
W9[5] = 0
711
15
µA
fast mode activated by
internal level detector;
W9[5] = 1
60
90
120
µA
Isink
sink current
TAGC discharge current;
VTAGC =1V
375
500
625
µA
∆αacc(set)TOP1/∆T TOP1 setting accuracy
variation with temperature
W9[4:0] = 1 0000
-
0.006
0.02
dB/K
RL
load resistance
[3] 50
-
-
M
Ω
Vsat(u)
upper saturation voltage
pin operating as current
output
VP − 0.3 -
-
V
Vsat(l)
lower saturation voltage
pin operating as current
output
-
-
0.3
V
αth(fast)AGC
AGC fast mode threshold
activated by internal fast
AGC detector; I2C-bus
setting corresponds to
W9[4:0] = 1 0000
[3] 6
8
10
dB
td
delay time
before activating; Vi(IF)
below
αth(fast)AGC
40
60
80
ms
Table 53.
Characteristics …continued
VP =5V; Tamb =25 °C; see Table 24 for input frequencies; B/G standard is used for the specification (fPC = 38.375 MHz;
fSC = 32.875 MHz; PC / SC = 13 dB; fAF = 400 Hz); input level Vi(IF) = 10 mV (RMS) (sync level for B/G; peak white level
for L); IF input from 50
Ω via broadband transformer 1 : 1; video modulation: Vestigial SideBand (VSB); residual carrier for
B/G is 10 % and for L is 3 %; video signal in accordance with “ITU-T J.63 line 17 and line 330” or “NTC-7 Composite”;
internal Nyquist slope switched on (W7[0] = 0); measurements taken in test circuit of Figure 51; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com