Electronic Components Datasheet Search
  English  ▼

X  

TDA9898HL/V3 Datasheet(PDF) 48 Page - NXP Semiconductors

Part # TDA9898HL/V3
Description  Multistandard hybrid IF processing
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9898HL/V3 Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button TDA9898HL/V3 Datasheet HTML 44Page - NXP Semiconductors TDA9898HL/V3 Datasheet HTML 45Page - NXP Semiconductors TDA9898HL/V3 Datasheet HTML 46Page - NXP Semiconductors TDA9898HL/V3 Datasheet HTML 47Page - NXP Semiconductors TDA9898HL/V3 Datasheet HTML 48Page - NXP Semiconductors TDA9898HL/V3 Datasheet HTML 49Page - NXP Semiconductors TDA9898HL/V3 Datasheet HTML 50Page - NXP Semiconductors TDA9898HL/V3 Datasheet HTML 51Page - NXP Semiconductors TDA9898HL/V3 Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 103 page
background image
TDA9897_TDA9898_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 25 May 2009
48 of 103
NXP Semiconductors
TDA9897; TDA9898
Multistandard hybrid IF processing
TAGC loop based on VIF AGC (W6[7:6] = 11); TAGC is voltage output; applicable for TV mode: positive modulation and
optional for negative modulation); see Table 47, Figure 13 and Figure 14
Vi(IF)(RMS)
RMS IF input voltage
for TOP2; at starting point
of tuner AGC takeover;
VTAGC = 3.5 V
RTOP2 =22kΩ or
W10[5:0] = 00 0000
-
56.9
-
dB
µV
RTOP2 =10kΩ or
W10[5:0] = 01 0000
-
78.5
-
dB
µV
RTOP2 =0kΩ
-98
-
dB
µV
W10[5:0] = 01 1111
-
99
-
dB
µV
αacc(set)TOP2
TOP2 setting accuracy
−8
-
+8
dB
∆αacc(set)TOP2/∆T TOP2 setting accuracy
variation with temperature
VTAGC = 3.5 V
-
0.03
0.07
dB/K
VO
output voltage
no tuner gain reduction
4.5
-
VP
V
maximum tuner gain
reduction
0.2
-
0.6
V
∆Gslip(TAGC)
TAGC slip gain offset
tuner gain voltage from
0.6 V to 3.5 V
35
8dB
TOP adjust 2; pin TOP2; IF based TAGC loop mode; see Figure 14
VTOP2
voltage on pin TOP2 (DC)
pin open-circuit
-
3.5
-
V
RI
input resistance
-
27
-
k
Ω
RTOP2
resistance on pin TOP2
adjustment of VIF AGC
based TAGC loop
W10[5] = 1; external
resistor operation
0
-
22
k
Ω
W10[5] = 0; forced
I2C-bus operation
100
-
-
k
Ω
Pin CTAGC
VCTAGC
voltage on pin CTAGC
[3] 0.2
-
0.55VP
V
IL
leakage current
sink or source
[3] -
-
10
nA
RO
output resistance
equivalent time constant
resistance
[3] -10
-
M
Ω
Pin MPP output characteristic
General
Vsat(u)
upper saturation voltage
VP − 0.8 VP − 0.5
-
V
Vsat(l)
lower saturation voltage
-
0.5
0.8
V
Io(max)
maximum output current
sink or source
[3] 350
-
-
µA
RO
output resistance
[3] -
1.3
3
k
Ω
Table 53.
Characteristics …continued
VP =5V; Tamb =25 °C; see Table 24 for input frequencies; B/G standard is used for the specification (fPC = 38.375 MHz;
fSC = 32.875 MHz; PC / SC = 13 dB; fAF = 400 Hz); input level Vi(IF) = 10 mV (RMS) (sync level for B/G; peak white level
for L); IF input from 50
Ω via broadband transformer 1 : 1; video modulation: Vestigial SideBand (VSB); residual carrier for
B/G is 10 % and for L is 3 %; video signal in accordance with “ITU-T J.63 line 17 and line 330” or “NTC-7 Composite”;
internal Nyquist slope switched on (W7[0] = 0); measurements taken in test circuit of Figure 51; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com