Electronic Components Datasheet Search
  English  ▼

X  

FX629 Datasheet(PDF) 4 Page - CML Microcircuits

Part # FX629
Description  Delta Modulation Codec
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX629 Datasheet(HTML) 4 Page - CML Microcircuits

  FX629 Datasheet HTML 1Page - CML Microcircuits FX629 Datasheet HTML 2Page - CML Microcircuits FX629 Datasheet HTML 3Page - CML Microcircuits FX629 Datasheet HTML 4Page - CML Microcircuits FX629 Datasheet HTML 5Page - CML Microcircuits FX629 Datasheet HTML 6Page - CML Microcircuits FX629 Datasheet HTML 7Page - CML Microcircuits FX629 Datasheet HTML 8Page - CML Microcircuits FX629 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Codec Integration
Fig.3 Recommended External Components
Fig.2 System Configuration Diagram – showing the FX629, which with the indicated interfacing, will conform to
the Mil-Std-188-113 Specification
ANALOGUE
INPUT
INTERFACE
(BALUN
&
BUFFER)
SYSTEM
INPUT
SYSTEM
OUTPUT
REGULATED POWER
SUPPLY
SYNCHRONOUS CLOCK
AND
DATA SYSTEM
FX629 PARAMETERS
MEASURED HERE
FX629 PARAMETERS
MEASURED HERE
1.024 MHz
1.024 MHz
DATA
CLOCK MODE
16/32/64kb/s
ANALOGUE
OUTPUT
INTERFACE
(BALUN
&
BUFFER)
FX629
ENCODER
FX629
DECODER
DATA
CLOCKS
CLOCKS
Component
Unit Value
Note – with reference to Figure 3 (below)
R
1
1M
Oscillator Inverter bias resistor.
R
2
Selectable
Xtal Drive limiting resistor.
C
1
33p
Xtal Circuit drain capacitor.
C
2
33p
Xtal Circuit gate capacitor.
C
3
1.0
µ
Encoder Input coupling capacitor – The drive source impedance to this
input should be less than 100
Ω. Output Idle channel noise levels will
improve with an even lower source impedance.
C
4
1.0
µ
Bias decoupling capacitor.
C
5
1.0
µ
V
DD decoupling capacitor.
X
1
1.024 MHz
A 1.024 MHz Xtal/clock input will yield exactly 16/32/64 kb/s data clock
rates. Xtal circuitry shown is in accordance with CML application note
D/XT/1 April 1986.
Tolerance :– Resistors
± 10% Capacitors ± 20%
FX629J
1
2
3
4
5
6
7
8
9
10
11
22
21
20
19
18
17
16
15
14
13
12
R
1
R
2
C
2
C
1
X
1
XTAL/CLOCK
XTAL
N/C
ENCODER DATA CLOCK
ENCODER OUTPUT
DATA ENABLE
N/C
BIAS
ENCODER INPUT
VSS
VDD
C
3
C
4
CLOCK MODE 1
CLOCK MODE 2
ALGORITHM
DECODER DATA CLOCK
DECODER INPUT
DECODER FORCE IDLE
POWERSAVE
N/C
DECODER OUTPUT
N/C
C
5
VDD
ENCODER FORCE IDLE
SS
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com