Electronic Components Datasheet Search
  English  ▼

X  

FX629 Datasheet(PDF) 7 Page - CML Microcircuits

Part # FX629
Description  Delta Modulation Codec
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX629 Datasheet(HTML) 7 Page - CML Microcircuits

Back Button FX629 Datasheet HTML 2Page - CML Microcircuits FX629 Datasheet HTML 3Page - CML Microcircuits FX629 Datasheet HTML 4Page - CML Microcircuits FX629 Datasheet HTML 5Page - CML Microcircuits FX629 Datasheet HTML 6Page - CML Microcircuits FX629 Datasheet HTML 7Page - CML Microcircuits FX629 Datasheet HTML 8Page - CML Microcircuits FX629 Datasheet HTML 9Page - CML Microcircuits FX629 Datasheet HTML 10Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
Typical Codec Performance ...... relative to the Mil-Std-188-113 Specification
Frequency (kHz)
- 50
- 40
- 30
- 20
- 10
0
+ 10
- 60
01
2
3
4
5
6
0.3
1.4
2.6
3.4
2
Input Level = -15dBm0
4.2
3
1
Frequency (Hz)
0
- 6
- 12
- 18
- 24
- 30
10
100
1k
10k
- 6dB/octave
Time (ms)
100
X
X
3.0
10.0
48.0
90.0
Beginning of
discharge
30% 'run-of-threes
0%
'run-of-threes
Input Frequency (kHz)
0
123
5
10
15
20
Input Level = -15dBm0
Input Frequency (kHz)
0
123
5
10
15
20
25
30
Input Level = -15dBm0
3.4
Fig.14 Attenuation Distortion vs Frequency (32kbit/s)
Fig.10 S/N vs Input Frequency (16kbit/s)
Fig.11 S/N vs Input Frequency (32kbit/s)
Fig.12 Principal Integrator Response
Fig.13 Compand Envelope



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com