Electronic Components Datasheet Search
  English  ▼

X  

FX629 Datasheet(PDF) 6 Page - CML Microcircuits

Part # FX629
Description  Delta Modulation Codec
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX629 Datasheet(HTML) 6 Page - CML Microcircuits

Back Button FX629 Datasheet HTML 2Page - CML Microcircuits FX629 Datasheet HTML 3Page - CML Microcircuits FX629 Datasheet HTML 4Page - CML Microcircuits FX629 Datasheet HTML 5Page - CML Microcircuits FX629 Datasheet HTML 6Page - CML Microcircuits FX629 Datasheet HTML 7Page - CML Microcircuits FX629 Datasheet HTML 8Page - CML Microcircuits FX629 Datasheet HTML 9Page - CML Microcircuits FX629 Datasheet HTML 10Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Fig.5 Gain vs Input Level (16kbit/s)
Typical Codec Performance ...... relative to the Mil-Std-188-113 Specification
Input Level (dBm0)
- 30
- 20
- 10
0
10
15
20
Ref: 0dBm0 Input Level = 489mVrms
Input Frequency = 800Hz
5
0
0
1
- 1
2
3
- 2
- 3
10
0
- 10
- 20
- 30
Input Level (dBm0)
0dBm0 Input Level = 489mVrms
Input Frequency = 800Hz
Ref Level: -15dBm0 = 87mVrms
ref.
13
Input Level (dBm0)
- 30
- 20
- 10
0
20
15
Ref: 0dBm0 Input Level = 489mVrms
Input Frequency = 800Hz
25
Frequency (kHz)
- 50
- 40
- 30
- 20
- 10
0
+ 10
- 60
01
2
3
4
5
6
0.3
2.6
1.5
1.5
Input Level = -15dBm0
0.8
ref.
4.2
Fig.6 Gain vs Input Level (32kbit/s)
Fig.7 S/N vs Input Level (16kbit/s)
Fig.8 S/N vs Input Level (32kbit/s)
Fig.9 Attenuation Distortion vs Frequency (16kbit/s)
0
1
- 1
2
3
- 2
- 3
10
0
- 10
- 20
- 30
Input Level (dBm0)
0dBm0 Input Level = 489mVrms
Input Frequency = 800Hz
Ref Level: -15dBm0 = 87mVrms
ref.
13



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com