Electronic Components Datasheet Search
  English  ▼

X  

FX629 Datasheet(PDF) 8 Page - CML Microcircuits

Part # FX629
Description  Delta Modulation Codec
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX629 Datasheet(HTML) 8 Page - CML Microcircuits

Back Button FX629 Datasheet HTML 2Page - CML Microcircuits FX629 Datasheet HTML 3Page - CML Microcircuits FX629 Datasheet HTML 4Page - CML Microcircuits FX629 Datasheet HTML 5Page - CML Microcircuits FX629 Datasheet HTML 6Page - CML Microcircuits FX629 Datasheet HTML 7Page - CML Microcircuits FX629 Datasheet HTML 8Page - CML Microcircuits FX629 Datasheet HTML 9Page - CML Microcircuits FX629 Datasheet HTML 10Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
Specifications
Absolute Maximum Ratings
Exceeding the maximum rating can result in device damage. Operation of the device outside the operating limits is
not implied.
Supply voltage
-0.3 to 7.0V
Input voltage at any pin (ref V
SS = 0V)
-0.3 to (V
DD
+ 0.3V)
Source/sink current (supply pins)
± 30mA
(other pins)
± 20mA
Total device dissipation @ 25
°C
800mW Max.
Derating
10mW/
°C
Operating temperature range:
FX629J
-40
°C to +85°C
Storage temperature range:
FX629J
-55
°C to +125°C
Operating Limits
All characteristics are measured using the following parameters unless otherwise specified:
V
DD = 5.0V,
T
AMB = 25°C,
Xtal/Clock f
0 = 1.024MHz,
Audio Level 0dB ref (0dBm0) = 489 mV rms.
Audio Test Frequency = 800 Hz. Sample Clock Rate = 32kb/s. Compand Algorithm = 3-bit.
Characteristics
See Note
Min.
Typ.
Max.
Unit
Static Values
Supply Voltage
1
4.5
5.0
5.5
V
Supply Current (Enabled)
–
5.5
–
mA
Supply Current (Powersave)
–
0.4
–
mA
Inputs Logic '1'
8
3.5
–
–
V
Inputs Logic '0'
8
–
–
1.5
V
Outputs Logic '1'
8
4.0
–
–
V
Outputs Logic '0'
8
–
–
1.0
V
Digital Input Impedance
(Logic I/O pins)
1.0
10.0
–
M
Ω
Digital Input Impedance
(Logic input pins, pullup resistor)
2
300
–
–
k
Ω
Digital Output Impedance
–
–
4
k
Ω
Analogue Input Impedance
4
–
1.0
–
k
Ω
Analogue Output Impedance
7
–
–
800
Ω
Three State Output Leakage
Current (output disabled)
-4.0
–
+4.0
µA
Insertion Loss
3
-2.0
–
+2.0
dB
Dynamic Values
1,9
Encoder:
Analogue Signal Input Levels
5,9
-35.0
–
+12.0
dBm0
Principle Integrator Frequency
127
159
212
Hz
Encoder Passband
3400
Hz
Compand Time Constant
4.0
5.0
6.0
ms
Decoder:
Analogue Signal Output Levels
5,9
-35.0
–
+12.0
dBm0
Decoder Passband
300
–
3400
Hz
Encoder Decoder (Full codec):
Compression Ratio (Cd = 0.3 to Cd = 0.0)
–
16:1
–
Passband
300
–
3400
Hz
Stopband
4.2
–
–
kHz
Stopband Attenuation (4200Hz to 6000Hz)
25.0
–
–
dB
(> 6kHz)
–
60.0
–
dB
Passband Gain
–
0
–
dB
Passband Ripple (300Hz –1400Hz)
-1.0
–
+1.0
dB
(1400Hz – 2600Hz)
-1.0
–
+3.0
dB
(2600Hz – 3400Hz)
-2.0
–
+3.0
dB
Output Noise (Input short circuit)
9
–
-55.0
–
dBm0
Perfect Idle Channel Noise (Encoder forced) 9
–
-57.0
–
dBm0
Group Delay Distortion
6
(1000Hz to 2600Hz)
–
–
450
µs
(600Hz to 2800Hz)
–
–
750
µs
(500Hz to 3000Hz)
–
–
1.5
ms
Xtal/Clock Frequency
–
1024
–
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com