Electronic Components Datasheet Search
  English  ▼

X  

FX629 Datasheet(PDF) 9 Page - CML Microcircuits

Part # FX629
Description  Delta Modulation Codec
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX629 Datasheet(HTML) 9 Page - CML Microcircuits

Back Button FX629 Datasheet HTML 2Page - CML Microcircuits FX629 Datasheet HTML 3Page - CML Microcircuits FX629 Datasheet HTML 4Page - CML Microcircuits FX629 Datasheet HTML 5Page - CML Microcircuits FX629 Datasheet HTML 6Page - CML Microcircuits FX629 Datasheet HTML 7Page - CML Microcircuits FX629 Datasheet HTML 8Page - CML Microcircuits FX629 Datasheet HTML 9Page - CML Microcircuits FX629 Datasheet HTML 10Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
Specifications ......
Process Information
The following Table gives details of the process and test controls employed in the manufacture of the FX629
'Mil Std' Delta Codec.
Function
Reference
Remarks
Hermeticity
Fine Leak Test –
Mil Std 883C
using Method 1014 – test condition A1.
Coarse Leak Test –
Mil Std 883C
using Method 1014 – test condition C.
Burnin
Mil Std 883C
using Method 1015 – test condition E.
168 Hours @ 85
°C with 5v power, and clocks applied.
Temperature Cycling
Mil Std 883C
using Method 1010 – test condition B.
10 cycles -55
°C to +125°C.
The following mechanical assembly tests are Qualified to BS9450
Vibration
BS9450
Section 1.2.6.8.1
55Hz to 500Hz at 98 m/sec acceleration.
Shock
BS9450
Section 1.2.6.6
981 m/sec for 6 msec.
Low Pressure
BS9450
Section 1.2.6.12
Transport and Storage –
225mmHg (altitude 9000m).
Operation –
600mmHg (altitude 2400m).
Humidity
BS9450
Section 1.2.6.4
96 Hours @ 45
°C, 95% relative humidity plus condensed
water.
Notes: 1. Dynamic characteristics are specified at 5V unless otherwise specified.
2. All logic inputs except, Encoder and Decoder Data Clocks.
3. For an Encoder/Decoder combination, insertion loss contributed by a single component is half this
figure.
4. Driven with a source impedance of <100
Ω.
5. Recommended values – See Figures 5, 6, 7 and 8.
6 Group Delay Distortion for the full codec is relative to the delay with 820Hz, -20dB at the encoder input.
7. An Emitter Follower output stage.
8. 4.0V = 80% V
DD, 3.5V = 70% VDD, 1.5V = 30% VDD, 1.0V = 20% VDD.
9. Analogue Voltage Levels used in this Data Sheet: 0dBm0 = 489mVrms = - 4dBm = 0dB.
-15dBm0 = 87mVrms. - 20dBm0 = 49mVrms = - 24dBm.
Application Recommendations
Due to the very low levels of signal and idle channel noise required in Military applications – a noisy or badly
regulated power supply could cause instability putting the overall system performance out of specification.
Adherence to the points noted below will assist in minimizing this problem.
(a)
Care should be taken on the design and layout of
the printed circuit board.
(b)
All external components (as recommended in
Figure 3) should be kept close to the package.
(c)
Tracks should be kept short, particularly the
Encoder Input capacitor and the V
BIAS capacitor.
(d)
Xtal/clock tracks should be kept well away from
analogue inputs and outputs.
(e)
Inputs and outputs should be screened wherever
possible.
(f)
A "ground plane" connected to V
SS will assist in
eliminating external pick-up on the input and output
pins.
(g)
It is recommended that the power supply rails
have less than 1mVrms of noise allowed.
(h)
The source impedance to the Encoder Input pin
must be less than 100
Ω, Output Idle channel noise
levels will improve with even lower source impedances.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com