Electronic Components Datasheet Search
  English  ▼

X  

FX629 Datasheet(PDF) 10 Page - CML Microcircuits

Part # FX629
Description  Delta Modulation Codec
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX629 Datasheet(HTML) 10 Page - CML Microcircuits

Back Button FX629 Datasheet HTML 2Page - CML Microcircuits FX629 Datasheet HTML 3Page - CML Microcircuits FX629 Datasheet HTML 4Page - CML Microcircuits FX629 Datasheet HTML 5Page - CML Microcircuits FX629 Datasheet HTML 6Page - CML Microcircuits FX629 Datasheet HTML 7Page - CML Microcircuits FX629 Datasheet HTML 8Page - CML Microcircuits FX629 Datasheet HTML 9Page - CML Microcircuits FX629 Datasheet HTML 10Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Package Outlines
The FX629 is available in the package style outlined
below. Mechanical package diagrams and specifications
are detailed in Section 10 of this document.
Pin 1 identification marking is shown on the relevant
diagram and pins on all package styles number
anti-clockwise when viewed from the top.
Handling Precautions
The FX629 is a CMOS LSI circuit which includes input
protection. However precautions should be taken to
prevent static discharges which may cause damage.
CML does not assume any responsibility for the use of any circuitry described. No circuit patent licences are implied
and CML reserves the right at any time without notice to change the said circuitry.
10
Ordering Information
FX629J
22-pin cerdip DIL
(J3)
NOT TO SCALE
Max. Body Length
27.38mm
Max. Body Width
9.75mm
FX629J
22-pin cerdip DIL
(J3)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com