| Electronic Components Datasheet Search |
|
ATMEGA32HVB Datasheet(PDF) 63 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATMEGA32HVB Datasheet(HTML) 63 Page - ATMEL Corporation |
|
63 / 275 page ![]() 63 8042B–AVR–06/10 ATmega16HVB/32HVB 14.2 High Voltage Ports as General Digital I/O The high voltage ports are high voltage tolerant open collector output ports. In addition they can be used as general digital inputs. Figure 14-2 shows a functional description of one output port pin, here generically called Pxn. Figure 14-2. General High Voltage Digital I/O (1) Notes: 1. WRx, RRx and RPx are common to all pins within the same port. clkI/O and SLEEP are com- mon to all ports. 2. The High Voltage Digital Input is not present on PC5. 14.2.1 Configuring the Pin Each port pin consist of two register bits: PORTxn and PINxn. As shown in ”Register Descrip- tion” on page 66, the PORTxn bits are accesed at the PORTx I/O address, and the PINxn bits at the PINx I/O address. If PORTxn is written logic one, the port pin is driven low (zero). If PORTxn is written logic zero, the port pin is tri-stated. The port pins are tri-stated when a reset condition becomes active, even if no clocks are running. 14.2.2 Reading the Pin The port pin can be read through the PINxn Register bit. As shown in Figure 14-2, the PINxn Register bit and the preceding latch constitute a synchronizer. This is needed to avoid metasta- bility if the physical pin changes value near the edge of the internal clock, but it also introduces a delay. WRx SLEEP: SLEEP CONTROL clkI/O: I/O CLOCK SLEEP Pxn Q D Q PORTxn _ CLR RRx SYNCHRONIZER Q D CLR PINxn clk I/O Q _ D L Q Q SET CLR _ RESET RPx RRx: READ PORTx REGISTER WRx: WRITE PORTx REGISTER RPx: READ PINx REGISTER HIGH VOLTAGE DIGITAL INPUT (2) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |