Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA32HVB Datasheet(PDF) 86 Page - ATMEL Corporation

Part # ATMEGA32HVB
Description  32 x 8 General Purpose Working Registers
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA32HVB Datasheet(HTML) 86 Page - ATMEL Corporation

Back Button ATMEGA32HVB Datasheet HTML 82Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 83Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 84Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 85Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 86Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 87Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 88Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 89Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 90Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 275 page
background image
86
8042B–AVR–06/10
ATmega16HVB/32HVB
value of TCNTn, the counter will miss the Compare Match. The counter will then have to count to
its maximum value (0xFFFF) and wrap around starting at 0x0000 before Compare Match can
occur. As for the 16-bit Mode, the TOVn Flag is set in the same timer clock cycle that the counter
counts from MAX to 0x0000.
17.5.5
8-bit Input Capture Mode
The Timer/Counter can be used in a 8-bit Input Capture mode, see Table 17-2 on page 84 for bit
settings. For full description, see ”Input Capture Unit” on page 86.
17.5.6
16-bit Input Capture Mode
The Timer/Counter can also be used in a 16-bit Input Capture mode, see Table 17-2 on page 84
for bit settings. For full description, see ”Input Capture Unit” on page 86.
17.6
Input Capture Unit
The Timer/Counter incorporates an Input Capture unit that can capture external events and give
them a time-stamp indicating time of occurrence. The external signal indicates an event, or mul-
tiple events. For Timer/Counter0, the events can be applied via the PB0 pin (ICP00), or
alternatively via the osi_posedge pin on the Oscillator Sampling Interface (ICP01). For
Timer/Counter1, the events can be applied by the Battery Protection Interrupt (ICP10) or alter-
natively by the Voltage Regulator Interrupt (ICP11). The time-stamps can then be used to
calculate frequency, duty-cycle, and other features of the signal applied. Alternatively the time-
stamps can be used for creating a log of the events.
The Input Capture unit is illustrated by the block diagram shown in Figure 17-4 on page 86. The
elements of the block diagram that are not directly a part of the Input Capture unit are gray
shaded.
Figure 17-4. Input Capture Unit Block Diagram
The Output Compare Register OCRnA is a dual-purpose register that is also used as an 8-bit
Input Capture Register ICRn. In 16-bit Input Capture mode the Output Compare Register
OCRnB serves as the high byte of the Input Capture Register ICRn. In 8-bit Input Capture mode
the Output Compare Register OCRnB is free to be used as a normal Output Compare Register,
ICFn (Int.Req.)
WRITE
ICRn (16-bit Register)
OCRnB (8-bit)
Noise
Canceler
ICPn0
Edge
Detector
TEMP (8-bit)
DATA BUS (8-bit)
OCRnA (8-bit)
TCNTn (16-bit Counter)
TCNTnH (8-bit)
TCNTnL (8-bit)
ICNCn
ICESn
ICPn1
ICSn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com