Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA32HVB Datasheet(PDF) 53 Page - ATMEL Corporation

Part # ATMEGA32HVB
Description  32 x 8 General Purpose Working Registers
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA32HVB Datasheet(HTML) 53 Page - ATMEL Corporation

Back Button ATMEGA32HVB Datasheet HTML 49Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 50Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 51Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 52Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 53Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 54Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 55Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 56Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 57Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 275 page
background image
53
8042B–AVR–06/10
ATmega16HVB/32HVB
Notes:
1. When the IVSEL bit in MCUCR is set, Interrupt Vectors will be moved to the start of the Boot
Flash Section. The address of each Interrupt Vector will then be the address in this table
added to the start address of the Boot Flash Section.
2. When the BOOTRST Fuses are programmed, the device will jump to the Boot Loader address
at reset, see ”Boot Loader Support – Read-While-Write Self-Programming” on page 191.
If the program never enables an interrupt source, the Interrupt Vectors are not used, and regular
program code can be placed at these locations.
Table 12-2 shows reset and Interrupt Vectors placement for the various combinations of
BOOTRST and IVSEL settings. If the program never enables an interrupt source, the Interrupt
Vectors are not used, and regular program code can be placed at these locations. This is also
the case if the Reset Vector is in the Application section while the Interrupt Vectors are in the
Boot section or vice versa.
Note:
1. The Boot Reset Address is shown in Table 29-5 on page 204. For the BOOTRST Fuse “1”
means unprogrammed while “0” means programmed.
The most typical and general program setup for the Reset and Interrupt Vector Addresses in
ATmega16HVB/32HVB is:
27
0x0034
CCADC ACC
CC-ADC Accumulate Current Conversion Complete
28
0x0036
EE READY
EEPROM Ready
29
0x0038
SPM
SPM Ready
Table 12-2.
Reset and Interrupt Vectors Placement
(1)
BOOTRST
IVSEL
Reset Address
Interrupt Vectors Start Address
1
0
0x0000
0x0002
1
1
0x0000
Boot Reset Address + 0x0002
0
0
Boot Reset Address
0x0002
0
1
Boot Reset Address
Boot Reset Address + 0x0002
Table 12-1.
Reset and Interrupt Vectors (Continued)
Vector
No.
Program
Address(1)
Source
Interrupt Definition
Address
Labels
Code
Comments
0x0000
jmp
RESET
; Reset Handler
0x0002
jmp
BPINT
; Battery Protection Interrupt Handler
0x0004
jmp
VREGMON_INT
; Voltage Regulator Monitor Interrupt Handler
0x0006
jmp
EXT_INT0
; External Interrupt Request 0 Handler
0x0008
jmp
EXT_INT1
; External Interrupt Request 1 Handler
0x000A
jmp
EXT_INT2
; External Interrupt Request 2 Handler
0x000C
jmp
EXT_INT3
; External Interrupt Request 3 Handler
0x000E
jmp
PCINT0
; Pin Change Interrupt 0 Handler
0x0010
jmp
PCINT1
; Pin Change Interrupt 1 Handler
0x0012
jmp
WDT
; Watchdog Time-out Interrupt
0x0014
jmp
BGSCD
; Bandgap Buffer Short Circuit Detected
0x0016
jmp
CHDET
; Charger Detect
0x0018
jmp
TIM1_IC
; Timer1 Input Capture Handler
0x001A
jmp
TIM1_COMPA
; Timer1 Compare A Handler



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com