Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA32HVB Datasheet(PDF) 44 Page - ATMEL Corporation

Part # ATMEGA32HVB
Description  32 x 8 General Purpose Working Registers
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA32HVB Datasheet(HTML) 44 Page - ATMEL Corporation

Back Button ATMEGA32HVB Datasheet HTML 40Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 41Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 42Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 43Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 44Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 45Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 46Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 47Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 48Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 275 page
background image
44
8042B–AVR–06/10
ATmega16HVB/32HVB
Figure 11-2. Powering up ATmega16HVB/32HVB
11.2.2
External Reset
An External Reset is generated by a low level on the RESET pin. Reset pulses longer than the
minimum pulse width (see Table 32-3 on page 232) will generate a reset, even if the clock is not
running. Shorter pulses are not guaranteed to generate a reset. When the applied signal
reaches the Reset Threshold Voltage – V
RST – on its positive edge, the delay counter starts the
MCU after the Time-out period – t
TOUT – has expired.
Figure 11-3. External Reset During Operation
11.2.3
Watchdog Reset
When the Watchdog times out, it will generate a short reset pulse of one CK cycle duration. On
the falling edge of this pulse, the delay timer starts counting the Time-out period t
TOUT. Refer to
page 46 for details on operation of the Watchdog Timer.
Power-off
SLEEP_MODE
POR
V
BATT
INTERNAL_RESET
t
TOUT
Reset
Active
V
POT
V
REG
3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com