Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA32HVB Datasheet(PDF) 52 Page - ATMEL Corporation

Part # ATMEGA32HVB
Description  32 x 8 General Purpose Working Registers
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA32HVB Datasheet(HTML) 52 Page - ATMEL Corporation

Back Button ATMEGA32HVB Datasheet HTML 48Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 49Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 50Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 51Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 52Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 53Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 54Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 55Page - ATMEL Corporation ATMEGA32HVB Datasheet HTML 56Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 275 page
background image
52
8042B–AVR–06/10
ATmega16HVB/32HVB
12. Interrupts
12.1
Overview
Th is sect ion d e scr i bes t h e sp ecifics of th e int e r r u p t han dling as per f o rm ed in
ATmega16HVB/32HVB. For a general explanation of the AVR interrupt handling, refer to ”Reset
and Interrupt Handling” on page 14.
12.2
Interrupt Vectors in ATmega16HVB/32HVB
.
Table 12-1.
Reset and Interrupt Vectors
Vector
No.
Program
Address(1)
Source
Interrupt Definition
1
0x0000
RESET
External Pin, Power-on Reset, Brown-out Reset,
Watchdog Reset, and debugWIRE Reset
2
0x0002
BPINT
Battery Protection Interrupt
3
0x0004
VREGMON
Voltage Regulator Monitor Interrupt
4
0x0006
INT0
External Interrupt Request 0
5
0x0008
INT1
External Interrupt Request 1
6
0x000A
INT2
External Interrupt Request 2
7
0x000C
INT3
External interrupt Request 3
8
0x000E
PCINT0
Pin Change Interrupt 0
9
0x0010
PCINT1
Pin Change Interrupt 1
10
0x0012
WDT
Watchdog Time-out Interrupt
11
0x0014
BGSCD
Bandgap Buffer Short Circuit Detected
12
0x0016
CHDET
Charger Detect
13
0x0018
TIMER1 IC
Timer/Counter 1 input Capture
14
0x001A
TIMER1 COMPA
Timer/Counter 1 Compare Match A
15
0x001C
TIMER1 COMPB
Timer/Counter 1 Compare Match B
16
0x001E
TIMER1 OVF
Timer/Counter 1 Overflow
17
0x0020
TIMER0 IC
Timer/Counter 0 input Capture
18
0x0022
TIMER0 COMPA
Timer/Counter 0 Compare Match A
19
0x0024
TIMER0 COMPB
Timer /Counter0 Compare Match B
20
0x0026
TIMER0 OVF
Timer/Counter 0 Overflow
21
0x0028
TWI BUS C/D
Two-wire Bus Connect/Disconnect
22
0x002A
TWI
Two-wire Serial Interface
23
0x002C
SPI, STC
SPI, Serial Transfer Complete
24
0x002E
VADC
Voltage ADC Conversion Complete
25
0x0030
CCADC CONV
CC-ADC Instantaneous Current Conversion
Complete
26
0x0032
CCADC REG CUR
CC-ADC Regular Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com